Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT5101 Datasheet(PDF) 6 Page - Qorvo, Inc

Part # ACT5101
Description  23V Buck-Boost Converter with Integrated MOSFETs
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT5101 Datasheet(HTML) 6 Page - Qorvo, Inc

Back Button ACT5101 Datasheet HTML 2Page - Qorvo, Inc ACT5101 Datasheet HTML 3Page - Qorvo, Inc ACT5101 Datasheet HTML 4Page - Qorvo, Inc ACT5101 Datasheet HTML 5Page - Qorvo, Inc ACT5101 Datasheet HTML 6Page - Qorvo, Inc ACT5101 Datasheet HTML 7Page - Qorvo, Inc ACT5101 Datasheet HTML 8Page - Qorvo, Inc ACT5101 Datasheet HTML 9Page - Qorvo, Inc ACT5101 Datasheet HTML 10Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
Data Sheet Rev. E, November 2019 | Subject to change without notice
6 of 59
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT510x
23V Buck-Boost Converter with Integrated MOSFETs
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE
UNIT
VOUT
-0.3 to +24
V
OSRP, OSRN
-0.3 to VOUT + 0.3
V
VIN
-0.3 to +23
V
ISRP, ISRN
-0.3 to VIN + 0.3
V
VINS
-0.3 to ISRN + 0.3
V
SW1
-0.3 to VOUT + 0.3
V
SW2
-0.3 to VIN + 0.3
V
HSB1
VSW1 - 0.3 to VSW1 + 5.5
V
HSB2
VSW2 - 0.3 to VSW2 + 5.5
V
VREG
-0.3 to +6
V
SCL, SDA, VREG, STAT, EN, nIRQ, FB, COMP, ILIM, OLIM, A2D
-0.3 to +6
V
AGND to PGND
-0.3 to +0.3
V
Junction to Ambient Thermal Resistance (θJA)
35
°C/W
Operating Junction Temperature (TJ)
-40 to 150
°C
Operating Ambient Temperature Range (TA)
-40 to 85
°C
Store Temperature
-55 to 150
°C
Lead Temperature (Soldering, 10 sec)
300
°C
Note1: Measured on Active-Semi Evaluation Kit
Note2: Do not exceed these limits to prevent damage to the IC. Exposure to absolute maximum rating conditions for long periods may affect IC
reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com