Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT5101 Datasheet(PDF) 24 Page - Qorvo, Inc

Part # ACT5101
Description  23V Buck-Boost Converter with Integrated MOSFETs
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT5101 Datasheet(HTML) 24 Page - Qorvo, Inc

Back Button ACT5101 Datasheet HTML 20Page - Qorvo, Inc ACT5101 Datasheet HTML 21Page - Qorvo, Inc ACT5101 Datasheet HTML 22Page - Qorvo, Inc ACT5101 Datasheet HTML 23Page - Qorvo, Inc ACT5101 Datasheet HTML 24Page - Qorvo, Inc ACT5101 Datasheet HTML 25Page - Qorvo, Inc ACT5101 Datasheet HTML 26Page - Qorvo, Inc ACT5101 Datasheet HTML 27Page - Qorvo, Inc ACT5101 Datasheet HTML 28Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 59 page
background image
Data Sheet Rev. E, November 2019 | Subject to change without notice
24 of 59
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT510x
23V Buck-Boost Converter with Integrated MOSFETs
The current sense resistor and ILIM resistor set the IILIM
current.
"!"#
= 1000
%
&
'"!"# ∗ '()_"*
Where RILIM is the resistor from the ILIM pin to AGND
and RCS_IN is the current sense resistor value in ohms.
The term 1000V^2/A is a constant with the units
volts^2/Ampere.
The current sense resistor, RCS_IN, has the same
limitations as RCS_OUT. At lower maximum input currents,
additional RC compensation must be placed in parallel
with RILIM. Table 4 is also valid for the input current limit
circuitry.
The input current limit circuitry, RISRP = RISRN = 30.1ohm
and CISR also have the same input filter requirements as
the output current circuitry.
The actual input current can also be externally
measured with the ILIM pin. The ILIM voltage is directly
proportional to the input current. The following equation
calculates the actual input current.
"*
= "!"# "!"#
2
Table 5: I2C Input Current Limit Setting
INPUT_ILIM[1:0]
Register Setting
Input Current Scaling
Factor
00
Disabled
01
150% of IILIM
10
200% of IILIM
11
150% of IILIM
VOUT Over-Voltage Protection
To detect a possible plug in of a higher voltage supply
on VOUT, the IC detects an overvoltage condition on
VOUT and immediately stops switching. The output
overvoltage threshold is
fixed at
108%
of the
programmed output voltage. If the OV condition lasts for
more than 100ms, the IC exits POWER ON Mode and
enters HIZ Mode.
Cord Compensation
ACT510x provides cord compensation at the output.
This feature compensates for system level voltage
drops due to PCB, connector, and wiring resistances.
These resistances reduce the output voltage at the load.
The ACT510x features Cord Compensation which
allows the user to compensate for these system level
resistances by increasing the voltage regulation set
point proportional to the output current. The output
voltage increases linearly with increasing load current.
The I2C CORD_COMP[1:0] bits in register 0x0F set the
Cord Comp value.
The Cord Compensation value is normalized to RCS_OUT
= 10mΩ and a 2.4A load current. It scales linearly with
changes in current sense resistance or load current.
(/01_(/23
= ( 45_( #6 ∗ 2.4&∗
'()_
0.01Ω
Where VCORD_COMP is the I2C Cord Compensation value
of 100mV, 200mV, or 300mV per Table 6, IOUT is the
actual output current in Amperes, and RCS_OUT is the
current sense value in Ohms.
Table 6: Cord Comp Setting
CORD_COMP[1:0]
Setting
Cord Comp
Value
Equivalent
System
Resistance
00
0 (Disabled)
0mΩ
01
100mV
41.7mΩ
10
200mV
83.3mΩ
11
300mV
125.0mΩ
Light Load Disable
The ACT510x includes a Light Load Disable function.
This function maximizes battery life when the IC is
powered from a battery. It turns off the output and puts
the IC into HIZ mode when the load drops very low. This
condition typically happens when the ACT510x output
supplies power to a charging portable device. When the
portable device is fully charged, the output current drops
to 0A. Light Load Disable minimizes battery current (the
input to the ACT510x) consumption and extends battery
life when the output is not needed.
Light Load Disable is available when the IC is operating
in buck mode, VIN is higher than VOUT by a minimum
of 0.5V, and the Output Voltage is less than 6V. Enable
Light Load Disable by setting I2C bit OFF_LOAD_EN in
register 0x0Eh = 1. Setting this bit = 0 disables the
feature. The minimum current is set to 5mA typical. The
current must be low for longer than the time set in I2C
bit OFF_DLY[1:0]. This time can programmed to 10s,
20s, or 30s.
Once the state machine has detected a light load con-
dition, it enters the LL_DIS state. The IC must exit
POWER ON mode and re-enter POWER ON mode to
restart the converter. This is typically accomplished by
toggling the EN pin, but can also be accomplished via
I2C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com