Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT5101 Datasheet(PDF) 49 Page - Qorvo, Inc

Part # ACT5101
Description  23V Buck-Boost Converter with Integrated MOSFETs
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT5101 Datasheet(HTML) 49 Page - Qorvo, Inc

Back Button ACT5101 Datasheet HTML 45Page - Qorvo, Inc ACT5101 Datasheet HTML 46Page - Qorvo, Inc ACT5101 Datasheet HTML 47Page - Qorvo, Inc ACT5101 Datasheet HTML 48Page - Qorvo, Inc ACT5101 Datasheet HTML 49Page - Qorvo, Inc ACT5101 Datasheet HTML 50Page - Qorvo, Inc ACT5101 Datasheet HTML 51Page - Qorvo, Inc ACT5101 Datasheet HTML 52Page - Qorvo, Inc ACT5101 Datasheet HTML 53Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
Data Sheet Rev. E, November 2019 | Subject to change without notice
49 of 59
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT510x
23V Buck-Boost Converter with Integrated MOSFETs
REG 0x0E: Converter Control 1 (R/W) (NVM)
Bit
Name
Default
Value
Description
Comment
7
EN
1
0: Disable
1: Enable
If this bit is low, the converter is always disabled. If
this pin is High, then either the EN pin or the
EN_OVERRIDE bit will enable the converter. In
addition, the HIZ mode bit (Reg 0x00, bit 7) must be
low.
6
EN_OVERRIDE
0
0: Disable
1: Enable
If this bit is high, EN pin is over written and the
converter is enabled by the EN bit. This allows user
to enable the converter from I2C without using the
EN pin.
5
SS
1
0: 1.5ms
1: 5ms
Soft start time for the output voltage:
4
RFU
0
Reserved for future use. Do not change.
3
OFF_DLY[1]
0
00: Disable
01: 10s
10: 20s
11: 30s
When light load is detected for the setting time, the
output is disabled and latched off. The IC must be
put into the HIZ state (disabled) and back into the
POWER ON state (enabled) to turn the converter
back on. This can be done with the EN Pin, or
through the EN Register
2
OFF_DLY[0]
0
1
EN_POLARITY
1
0: Active Low
1: Active High
Controls the polarity of the EN input pin.
0
OFF_LOAD_EN
0
0: Disable
1: Enable
When light load is detected for longer than the
OFF_DLY time, the converter is disabled and latched
off. The converter must be disabled and re-enabled
to turn back on. This can be done with the EN pin or
the EN register bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com