Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT5101 Datasheet(PDF) 8 Page - Qorvo, Inc

Part # ACT5101
Description  23V Buck-Boost Converter with Integrated MOSFETs
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT5101 Datasheet(HTML) 8 Page - Qorvo, Inc

Back Button ACT5101 Datasheet HTML 4Page - Qorvo, Inc ACT5101 Datasheet HTML 5Page - Qorvo, Inc ACT5101 Datasheet HTML 6Page - Qorvo, Inc ACT5101 Datasheet HTML 7Page - Qorvo, Inc ACT5101 Datasheet HTML 8Page - Qorvo, Inc ACT5101 Datasheet HTML 9Page - Qorvo, Inc ACT5101 Datasheet HTML 10Page - Qorvo, Inc ACT5101 Datasheet HTML 11Page - Qorvo, Inc ACT5101 Datasheet HTML 12Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
Data Sheet Rev. E, November 2019 | Subject to change without notice
8 of 59
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT510x
23V Buck-Boost Converter with Integrated MOSFETs
Cord Compensation
Accuracy
VOUT_CC
CORD_COMP:
00: Disabled
01: 100mV
10: 200mV
11: 300mV
Measured at VOUT Pin
-15
CORD_C
OMP
Setting
+15
%
Output Slew Accuracy
tOUT_SLEW
OUTPUT_SLEW
00: 1.0V/ms
01: 0.5V/ms
10: 0.3V/ms
11: 0.1V/ms
Internal Feedback Only
VOUT_I2C Register = 1
-20
OUTPUT
_SLEW
Setting
+20
%
Input Current ILIM
IILIM
IILIM = 0.5A to 1A
-20
IILIM
+20
%
IILIM = 1A to 2A
-15
IILIM
+15
%
IILIM > 2A
-10
IILIM
+10
%
PWM OPERATION
Frequency Range
fSW
125
1000
kHz
Operation Frequency Accuracy
fSW
-10%
+10%
kHz
Maximum PWM Duty Cycle
DMAX
97
%
INPUT QUIESCENT CURRENTS
Input Current in HIZ
IIN_HIZ2
VIN=12V, Converter off, I2C on, VREG
on
35
µ
A
IIN_HIZ3
VBAT=12V, Converter off, I2C on,
VREG on, A2D Enabled, Fault Monitor
Enabled
1100
µ
A
INTERNAL MOSFETS
VOUT to SW1 FET Resistance
RDSONQ1
TJ = 25C
25
mΩ
SW1 to PGND FET Resistance
RDSONQ2
TJ = 25C
35
mΩ
SW2 to PGND FET Resistance
RDSONQ3
TJ = 25C
35
mΩ
VIN to SW2 FET Resistance
RDSONQ4
TJ = 25C
25
mΩ
Cycle By Cycle Current Limit
IFET_ILIM
FET_ILIM=0
Q1, Q2, Q3, or Q4 in any mode
6.5
8.5
10.5
A
FET_ILIM=1
Q1, Q2, Q3, or Q4 in any mode
7.75
10
12.25
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com