Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT5101 Datasheet(PDF) 46 Page - Qorvo, Inc

Part # ACT5101
Description  23V Buck-Boost Converter with Integrated MOSFETs
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT5101 Datasheet(HTML) 46 Page - Qorvo, Inc

Back Button ACT5101 Datasheet HTML 42Page - Qorvo, Inc ACT5101 Datasheet HTML 43Page - Qorvo, Inc ACT5101 Datasheet HTML 44Page - Qorvo, Inc ACT5101 Datasheet HTML 45Page - Qorvo, Inc ACT5101 Datasheet HTML 46Page - Qorvo, Inc ACT5101 Datasheet HTML 47Page - Qorvo, Inc ACT5101 Datasheet HTML 48Page - Qorvo, Inc ACT5101 Datasheet HTML 49Page - Qorvo, Inc ACT5101 Datasheet HTML 50Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 59 page
background image
Data Sheet Rev. E, November 2019 | Subject to change without notice
46 of 59
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT510x
23V Buck-Boost Converter with Integrated MOSFETs
REG 0x09: ADC Configuration 1 (R/W) (VM)
Bit
Name
Default
Value
Description
Comment
7
EN_ADC
0
0: ADC disabled
1: ADC enabled
6
ADC_ONE_SHOT
0
0: ADC continually converts
data when EN_ADC=1
1: ADC performs a one-time
conversion when
EN_ADC=1
[ADC ONE SHOT][ADC_ CH_SCAN] = XX operation
is described as below.
00 = Scan channel specified by ADC CHANNEL
CONVERSION [2:0] register bits repeatedly in a
loop.
01 = Scan and convert channels 0 – 7 repeatedly in
a loop.
10 = Convert channel specified by ADC CHANNEL
CONVERSION [2:0] once (one shot)
11 = Scan and convert channels 0 – 7 once and stop
– one loop
5
ADC_CH_SCAN
0
0: Scan single channel
specified by
ADC_CH_CONV
1: Scan all channels
4
DIS_ADC_BUFFER
0
0: ADC Buffer is enabled
1: ADC Buffer is disabled
This should always be set to 0.
3
ADC_SWAP
0
0: ADC Buffer is normal
inputs
1: ADC Buffer swaps inputs
If very accurate measurements are required, the
ADC input pair can be swapped to negate input
offset errors in the Buffer AMP. This requires one
read with ADC_SWAP=0 and one read with
ADC_SWAP=1, then average the results.
2
HW_DIE_REV[2]
0
HW Die Revision
For use by Active Semi
1
HW_DIE_REV[1]
0
0
HW_DIE_REV[0]
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com