Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT5101 Datasheet(PDF) 9 Page - Qorvo, Inc

Part # ACT5101
Description  23V Buck-Boost Converter with Integrated MOSFETs
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT5101 Datasheet(HTML) 9 Page - Qorvo, Inc

Back Button ACT5101 Datasheet HTML 5Page - Qorvo, Inc ACT5101 Datasheet HTML 6Page - Qorvo, Inc ACT5101 Datasheet HTML 7Page - Qorvo, Inc ACT5101 Datasheet HTML 8Page - Qorvo, Inc ACT5101 Datasheet HTML 9Page - Qorvo, Inc ACT5101 Datasheet HTML 10Page - Qorvo, Inc ACT5101 Datasheet HTML 11Page - Qorvo, Inc ACT5101 Datasheet HTML 12Page - Qorvo, Inc ACT5101 Datasheet HTML 13Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
Data Sheet Rev. E, November 2019 | Subject to change without notice
9 of 59
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT510x
23V Buck-Boost Converter with Integrated MOSFETs
LDO
(VIN = 12V, VOUT = 7.6V, TA = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
VREG Regulation Voltage
VREG
2
5.1
V
VREG Regulation Accuracy
VREGACC
At Default Factory Setting
-2
2
%
VREG Dropout
VREGDROPOUT
IOUT = 100mA
300
mV
VREG UVLO Threshold
VREGUVLO
VREG Falling
84
88
93
%
VREG UVLO Hysteresis
VREGUVLO_HYST
2
%
VREG Current Limit
VREGILIM
VVIN = 12V, VREG = 5V
100
175
250
mA
VREG Current Limit Deglitch
VREGILIM_DG
In current limit
50
us
VREG Current Limit Off Time
VREGILIM_OFF
After Deglitch Time
100
ms
VREG Soft Start
VREGSS
250
Us
THERMAL PROTECTION
(VIN = 12V, VOUT = 7.6V, TA = 25°C, unless otherwise specified.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Thermal Regulation and Shutdown
Thermal Shutdown Rising Temperature
TSHUT
Temperature Increasing
160
°
C
Thermal Shutdown Hysteresis
TSHUT_HYS
30
°
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com