Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT5101 Datasheet(PDF) 36 Page - Qorvo, Inc

Part # ACT5101
Description  23V Buck-Boost Converter with Integrated MOSFETs
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT5101 Datasheet(HTML) 36 Page - Qorvo, Inc

Back Button ACT5101 Datasheet HTML 32Page - Qorvo, Inc ACT5101 Datasheet HTML 33Page - Qorvo, Inc ACT5101 Datasheet HTML 34Page - Qorvo, Inc ACT5101 Datasheet HTML 35Page - Qorvo, Inc ACT5101 Datasheet HTML 36Page - Qorvo, Inc ACT5101 Datasheet HTML 37Page - Qorvo, Inc ACT5101 Datasheet HTML 38Page - Qorvo, Inc ACT5101 Datasheet HTML 39Page - Qorvo, Inc ACT5101 Datasheet HTML 40Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 59 page
background image
Data Sheet Rev. E, November 2019 | Subject to change without notice
36 of 59
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT510x
23V Buck-Boost Converter with Integrated MOSFETs
settings. The difference between ACT5101QI102 and ACT5101QI103 is the 7-bit I2C address. The ACT5101QI103
address changes to 0x66h.
Function
ACT5101QI103 Default
Register Settings
Register
Converter
Default Output Voltage
5.1V
VOUT
Output Constant Current Control
Enabled
DIS_CC
Output Constant Current Limit Scaling Factor (rel-
ative to IOLIM)
100%
CC
Input Constant Current Limit Scaling Factor (rela-
tive to IILIM)
200%
INPUT_ILIM
Softstart Time
5ms
SOFT_START
Switching Frequency
500kHz
FREQ_SEL
EN Pin Polarity
Active High
EN_POLARITY
Start up Delay
0ms
EN_DLY
Cord Compensation
200mV
CORD_COMP
VIN_UV_OFFSET register setting
5.0V
VIN_UV_OFFSET
VIN_UV register setting
1.4V
VIN_UV
VIN UV Voltage
3.6V
VIN_UV and VIN_UV_OFFSET
Output Slew Rate
0.5V/ms
OUTPUT_SLEW
PFM Mode
Enabled
DIS_PFM
Light Load Turn Off
Disabled
OFF_LOAD_EN
Light Load Turn Off Delay
30s
OFF_DLY
OCP Shutdown (8 FET OC cycles)
Enabled
DIS_OCP_SHUTDOWN
FET cycle by cycle current limit
10A
FET_ILIMIT & ILIM_LOW
STAT Pin Functionality
Enabled
EN_STAT
ADC
ADC Enabled
Disabled
EN_ADC
VREG LDO
VREG Enabled
Enabled
VREG_EN
VREG Output Voltage
5V
VREG
VREG Input Control
Auto
VREG_OVERRIDE
VREG Input Voltage
VOUT
VREG_SELECT
VREG Fault Disables VOUT
Yes
DIS_VREG_FLT
Miscellaneous
Watchdog Timer
Disabled
WATCHDOG
Die Regulation Temperature
120 deg C
TREG
7-bit I2C Slave Address
0x66h
I2CADD
CMI 102: ACT5102QI102
CMI 102 has default settings that are appropriate for most typical applications. It operates with a 500kHz switching
frequency to provide an optimal tradeoff between overall size and efficiency. The table below shows the default register
settings. The difference between the ACT5101QI102 and ACT5102QI102 is that the ACT5102QI102 has external volt-
age feedback and does not have the ADC functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com