Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7410ND Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7410ND
Description  Signal processor for car radio applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7410ND Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7410ND Datasheet HTML 11Page - STMicroelectronics TDA7410ND Datasheet HTML 12Page - STMicroelectronics TDA7410ND Datasheet HTML 13Page - STMicroelectronics TDA7410ND Datasheet HTML 14Page - STMicroelectronics TDA7410ND Datasheet HTML 15Page - STMicroelectronics TDA7410ND Datasheet HTML 16Page - STMicroelectronics TDA7410ND Datasheet HTML 17Page - STMicroelectronics TDA7410ND Datasheet HTML 18Page - STMicroelectronics TDA7410ND Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
TDA7410ND
Description of the audioprocessor part
15/34
Stereoblend and highcut control
REF5V
Internal reference voltage
5
V
LGmin
Min. level gain
0
dB
LGmax
Max. level gain
10
dB
LGstep
Level gain step resolution
0.67
dB
VSBLmin
Min. voltage for mono
33
%REF5V
VSBLmax
Max. voltage for mono
58
%REF5V
VSBLstep
Step resolution
8.4
%REF5V
Groll
Roll off compensation
2.5
dB
VHCHmin
Min. voltage for no highcut
42
%REF5V
VHCHmax
Max. voltage for no highcut
66
%REF5V
VHCHstep
Step resolution
8.4
%REF5V
VHCLmin
Min. voltage for full highcut
17
%VHCH
VHCLmax
Max. voltage for full highcut
33
%VHCH
Carrier and harmonic suppression at the output
α19
Pilot signal
f = 19kHz
40
dB
α39
Subcarrier
f = 38kHz
65
dB
α57
Subcarrier
f = 57kHz
55
dB
α76
Subcarrier
f = 76kHz
80
dB
ACI - Adjacent channel interference
α114
Signal
f = 114kHz
80
dB
α190
Signal
f = 190kHz
70
dB
Table 6.
Stereodecoder electrical characteristics (continued)
VDD = 8.5V, Deemphasis time const = 50µs, VMPX = 500mV, In Gain = 6dB, 75kHz
deviation, f = 1kHz, Tamb =25°C, unless otherwise spificied
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com