Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7410ND Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA7410ND
Description  Signal processor for car radio applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7410ND Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA7410ND Datasheet HTML 20Page - STMicroelectronics TDA7410ND Datasheet HTML 21Page - STMicroelectronics TDA7410ND Datasheet HTML 22Page - STMicroelectronics TDA7410ND Datasheet HTML 23Page - STMicroelectronics TDA7410ND Datasheet HTML 24Page - STMicroelectronics TDA7410ND Datasheet HTML 25Page - STMicroelectronics TDA7410ND Datasheet HTML 26Page - STMicroelectronics TDA7410ND Datasheet HTML 27Page - STMicroelectronics TDA7410ND Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
I2C bus specification
TDA7410ND
24/34
8
I2C bus specification
8.1
Interface protocol
The interface protocol comprises:
●
a start condition (S)
●
a chip address byte (the LSB determines read/write transmission)
●
a subaddress byte
●
a sequence of data (N-bytes + acknowledge)
●
a stop condition (P)
●
the max. clock speed is 500kbits/s
Table 8.
Receive mode
S = Start
R/W =
"0" -> Receive Mode (Chip could be programmed by
μP)
"1" -> Transmission Mode (Data could be received by
μP)
ACK = Acknowledge
P = Stop
TS = Testing mode
AZ = Auto zero remain
AI = Auto increment
Table 9.
Transmission mode
ST = Stereo
X = Not Used
The transmitted data is automatic updated after each ACK. Transmission can be repeated
without new chip address.
8.2
Reset condition
A Power-On-Reset is invoked if the Supply-Voltage is below than 3.5V. After that the
following data is written automatically into the registers of all subaddresses:
S
1
0
0
0
1
1
0
R/W
ACK
X
AZ
TS
AI
A3A2A1A0
ACK
DATA
ACK P
S
1
00
01
0
0
R/W
ACK
X
X
X
X
ST
X
X
X
ACK
P
Table 10.
Reset condition
MSB
LSB
1
1
11
11
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com