Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7410ND Datasheet(PDF) 26 Page - STMicroelectronics

Part # TDA7410ND
Description  Signal processor for car radio applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7410ND Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TDA7410ND Datasheet HTML 22Page - STMicroelectronics TDA7410ND Datasheet HTML 23Page - STMicroelectronics TDA7410ND Datasheet HTML 24Page - STMicroelectronics TDA7410ND Datasheet HTML 25Page - STMicroelectronics TDA7410ND Datasheet HTML 26Page - STMicroelectronics TDA7410ND Datasheet HTML 27Page - STMicroelectronics TDA7410ND Datasheet HTML 28Page - STMicroelectronics TDA7410ND Datasheet HTML 29Page - STMicroelectronics TDA7410ND Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
I2C bus specification
TDA7410ND
26/34
Table 12.
Source selector (0)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
Source Selector / Bass
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
Source Selector
CD
Cassette
Aux
AM
Stereo Decoder
Mute
Not Used
Not Used
0
0
:
1
1
0
0
:
1
1
0
0
:
1
1
0
1
:
0
1
Input Gain
0dB
1dB
:
14dB
15dB
xNot Used
Table 13.
Volume Control (1)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
0
0
:
0
0
0
:
1
1
1
0
0
:
0
1
1
:
1
1
1
0
0
:
1
0
0
:
0
0
1
0
0
:
1
0
0
:
1
1
x
0
0
:
1
0
0
:
1
1
x
0
0
:
1
0
0
:
1
1
x
0
1
:
1
0
1
:
0
1
x
Gain/Attenuation
+0dB
+1dB
:
+31dB
-0dB
-1dB
:
-78dB
-79dB
mute
0
1
Soft Step
on
off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com