Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7410ND Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA7410ND
Description  Signal processor for car radio applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7410ND Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA7410ND Datasheet HTML 19Page - STMicroelectronics TDA7410ND Datasheet HTML 20Page - STMicroelectronics TDA7410ND Datasheet HTML 21Page - STMicroelectronics TDA7410ND Datasheet HTML 22Page - STMicroelectronics TDA7410ND Datasheet HTML 23Page - STMicroelectronics TDA7410ND Datasheet HTML 24Page - STMicroelectronics TDA7410ND Datasheet HTML 25Page - STMicroelectronics TDA7410ND Datasheet HTML 26Page - STMicroelectronics TDA7410ND Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
TDA7410ND
Functional description of the noiseblanker
23/34
due to the higher noise, which is also rectified. With increasing of the PEAK voltage the
trigger threshold increases, too. This particular gain is programmable in 4 steps (see
Figure 9).
7.3
Automatic threshold control
Besides the noise controlled threshold adjustment there is an additional possibility for
influencing the trigger threshold. It is depending on the stereoblend control. The point where
the MPX signal starts to become noisy is fixed by the RF part. Therefore also the starting
point of the normal noise-controlled trigger adjustment is fixed (Figure 11). In some cases
the behaviour of the noiseblanker can be improved by increasing the threshold even in a
region of higher fieldstrength. Sometimes a wrong triggering occures for the MPX signal
often shows distortion in this range which can be avoided even if using a low threshold.
Because of the overlap of this range and the range of the stereo/mono transition it can be
controlled by stereoblend. This threshold increase is programmable in 3 steps or switched
off with bits D0 and D1 of the fieldstrength control byte.
7.4
Over deviation detector
If the system is tuned to stations with a high deviation the noiseblanker can trigger on the
higher frequencies of the modulation. To avoid this wrong behaviour, which causes noise in
the output signal, the noiseblanker offers a deviation dependent threshold adjustment. By
rectifying the MPX signal a further signal representing the actual deviation is obtained. It is
used to increase the PEAK voltage. Offset and gain of this circuit are programmable in 3
steps with the bits D6 and D7 of the stereodecoder byte (the first step turns off the detector,
see Figure 10).
7.5
Test Mode
During the test mode which can be activated by setting bit D0 of the testing byte and bit D5
of the subaddress byte to ”1” several internal signals are available at the CASSR pin. During
this mode the input resistance of 100kOhm is disconnected from the pin. The internal
signals available are shown in the software specification.
Figure 17.
Application Example
100nF
100nF
100nF
100nF
22
μF
100nF
100nF
100nF
VDD
CASS_L
CASS_R
CDR
CDG
CDL
AUX_R
AUX_L
CASS_L
CASS_R
CDR
CDG
CDL
AUX_R
AUX_L
CREF
10
μF
OUT_LF
OUT_RF
OUT_LR
OUT_RR
MPX
AM
SDA
SCL
MUTE
LEVEL
GND
OUT_LF
OUT_RF
OUT_LR
OUT_RR
MPX
AM
SDA
SCL
MUTE
LEVEL
TDA7410D
100nF
100nF
TDA7410ND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com