Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7410ND Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7410ND
Description  Signal processor for car radio applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7410ND Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7410ND Datasheet HTML 16Page - STMicroelectronics TDA7410ND Datasheet HTML 17Page - STMicroelectronics TDA7410ND Datasheet HTML 18Page - STMicroelectronics TDA7410ND Datasheet HTML 19Page - STMicroelectronics TDA7410ND Datasheet HTML 20Page - STMicroelectronics TDA7410ND Datasheet HTML 21Page - STMicroelectronics TDA7410ND Datasheet HTML 22Page - STMicroelectronics TDA7410ND Datasheet HTML 23Page - STMicroelectronics TDA7410ND Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Description of stereodecoder
TDA7410ND
20/34
6.4
PLL and pilot tone detector
The PLL has the task to lock on the 19kHz pilotone during a stereo transmission to allow a
correct demodulation. The included detector enables the demodulation if the pilot tone
reaches the selected pilottone threshold VPTHST. Two different thresholds are available.
The detector output (signal STEREO, see block diagram) can be checked by reading the
status byte of the TDA7410ND via I2C bus.
6.5
Fieldstrength control
The fieldstrength input is used to control the highcut and the stereoblend function. In
addition the signal can be also used to control the noiseblanker thresholds.
6.6
LEVEL input and gain
To suppress undesired high frequency modulation on the highcut and stereoblend function
the LEVEL signal is lowpass filtered firstly. The filter is a combination of a 1st order RC
lowpass at 53kHz (working as anti-aliasing filter) and a 1st order switched capacitor lowpass
at 2.2kHz. The second stage is a programmable gain stage to adapt the LEVEL signal
internally to different IF. The gain is widely programmable in 16 steps from 0dB to 10dB
(step = 0.67dB).
6.7
Stereoblend control
The stereoblend control block converts the internal LEVEL voltage (LEVEL INTERN) into an
demodulator
compatible analog signal which is used to control the channel separation between 0dB and
the maximum separation. Internally this control range has a fixed upper limit which is the
internal reference voltage REF5V. The lower limit can be programmed to be 33%, 42%, 50%
or 58% of REF5V (see Figure 13, 14).
Figure 13.
Internal stereoblend characteristics
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
012
LEVELINTERN [V]
CS [dB]
345



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com