Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7410ND Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7410ND
Description  Signal processor for car radio applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7410ND Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7410ND Datasheet HTML 12Page - STMicroelectronics TDA7410ND Datasheet HTML 13Page - STMicroelectronics TDA7410ND Datasheet HTML 14Page - STMicroelectronics TDA7410ND Datasheet HTML 15Page - STMicroelectronics TDA7410ND Datasheet HTML 16Page - STMicroelectronics TDA7410ND Datasheet HTML 17Page - STMicroelectronics TDA7410ND Datasheet HTML 18Page - STMicroelectronics TDA7410ND Datasheet HTML 19Page - STMicroelectronics TDA7410ND Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
Description of the audioprocessor part
TDA7410ND
16/34
5.9
Noise blanker part
●
Internal highpass filter
●
Programmable trigger threshold
●
Additional circuit for trigger adjustment (deviation, field-strength)
●
Very low offset current during hold time
●
Selectable pulse suppression times
Table 7.
Noise blanker electrical characteristics
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VTH
Trigger threshold(1),(2)
means. with
VPEAK=0.9V
NBT=111
30
mVOP
NBT=110
35
mVOP
NBT=101
40
mVOP
NBT=100
45
mVOP
NBT=011
50
mVOP
NBT=010
55
mVOP
NBT=001
60
mVOP
NBT=000
65
mVOP
VTRNOISE
Noise controlled trigger
threshold(3)
means. with
VPEAK=1.5V
NCT=00
260
mVOP
NCT=01
220
mVOP
NCT=10
180
mVOP
NCT=11
140
mVOP
VRECT
Rectifier voltage
VMPX = 0mV
0.9
V
VMPX = 50mV; f = 150kHz
1.7
V
VMPX = 100mV; f = 150kHz
2.5
V
VRECT DEV
deviation dependent
rectifier voltage(4)
means. with
VMPX=800mV
(75kHz dev.)
OVD=11
0.9(off)
VOP
OVD=10
1.2
VOP
OVD=01
2.0
VOP
OVD=00
2.8
VOP
VRECT FS
Fieldstrength Controlled
Rectifier Voltage(5)
means. with
VMPX=0mV
VLEVEL<<VSBL
(fully mono)
FSC=11
0.9(off)
V
FSC=10
1.3
V
FSC=01
1.8
V
FSC=00
2.3
V
1.
All thresholds are measured using a pulse with TR = 2 ms, THIGH = 2 ms and TF = 10ms
2.
NBT represents the Noiseblanker-Byte D2~D0 for the noise blanker trigger threshold
3.
NAT represents the Noiseblanker-Byte D4~D3 for the noise controlled trigger adjustment
4.
OVD represents the Noiseblanker-Byte D7~D6 for the over deviation detector
5.
FSC represents the Fieldstrength-Byte D1~D0 for the fieldstrength control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com