Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7410ND Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7410ND
Description  Signal processor for car radio applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7410ND Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7410ND Datasheet HTML 17Page - STMicroelectronics TDA7410ND Datasheet HTML 18Page - STMicroelectronics TDA7410ND Datasheet HTML 19Page - STMicroelectronics TDA7410ND Datasheet HTML 20Page - STMicroelectronics TDA7410ND Datasheet HTML 21Page - STMicroelectronics TDA7410ND Datasheet HTML 22Page - STMicroelectronics TDA7410ND Datasheet HTML 23Page - STMicroelectronics TDA7410ND Datasheet HTML 24Page - STMicroelectronics TDA7410ND Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
TDA7410ND
Description of stereodecoder
21/34
To adjust the external LEVEL voltage to the internal range two values must be defined: the
LEVEL gain LG and VSBL. To adjust the voltage where the full channel separation is
reached (VST) the LEVEL gain LG has to be defined. The following equation can be used to
estimate the gain:
The gain can be programmed through 4 bits in the "Level Gain" byte. The MONO voltage
VMO (0dB channel separation) can be choosen selecting 33, 42, 50 or 58% of REF5V.
Figure 14.
Relation between internal and external LEVEL voltage and setup of Stereoblend
6.8
Highcut Control
The highcut control setup is similar to the stereoblend control setup : the starting point
VHCH can be set with 2 bits to be 42, 50, 58 or 66% of REF5V whereas the range can be
set to be 17 or 33% of VHCH (see Figure 15).
Figure 15.
Highcut characteristics
L
G
REF5V
Field strength voltage STEREO
[]
-----------------------------------------------------------------------------------------------
=
INTERNAL
VOLTAGES
t
D97AU639
VSBL
REF 5V
SETUP OF VST
INTERNAL
VOLTAGES
t
33%
REF 5V
SETUP OF VMO
LEVEL
LEVEL INTERN
FIELDSTRENGHT VOLTAGE
VST
VMO
LEVEL INTERN
42%
50%
58%
VSBL
VST
VMO
FIELDSTRENGHT VOLTAGE
LOWPASS
TIME CONSTANT
D97AU640
τDeemp
FIELDSTRENGHT
VHCH
VHCL
3
τDeemp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com