Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/SLSQTP Datasheet(PDF) 32 Page - Microchip Technology

Part # PIC16F18323-E/SLSQTP
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/SLSQTP Datasheet(HTML) 32 Page - Microchip Technology

Back Button PIC16F18323-E/SLSQTP Datasheet HTML 28Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 29Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 30Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 31Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 32Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 33Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 34Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 35Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 442 page
background image
Bank 10-11
CPU CORE REGISTERS; see Table 3-2 for specifics
50Ch-51Fh
—
—
Unimplemented
—
—
58Ch-59Fh
—
—
Unimplemented
—
—
Bank 12
60Ch
―
―
Unimplemented
―
―
60Dh
―
―
Unimplemented
―
―
60Eh
―
―
Unimplemented
―
―
60Fh
―
―
Unimplemented
―
―
610h
―
―
Unimplemented
―
―
611h
―
―
Unimplemented
―
―
612h
―
―
Unimplemented
―
―
613h
―
―
Unimplemented
―
―
614h
―
―
Unimplemented
―
―
615h
―
―
Unimplemented
―
―
616h
―
―
Unimplemented
―
―
617h
PWM5DCL
PWM5DC<1:0>
―
―
―
―
―
―
xx-- ----
uu-- ----
618h
PWM5DCH
PWM5DC<9:2>
xxxx xxxx
uuuu uuuu
619h
PWM5CON
PWM5EN
―
PWM5OUT
PWM5POL
―
―
―
―
0-00 ----
0-00 ----
61Ah
PWM6DCL
PWM6DC<1:0>
―
―
―
―
―
―
xx-- ----
uu-- ----
61Bh
PWM6DCH
PWM6DC<9:2>
xxxx xxxx
uuuu uuuu
61Ch
PWM6CON
PWM6EN
―
PWM6OUT
PWM6POL
―
―
―
―
0-00 ----
0-00 ----
61Dh-61Fh
―
―
Unimplemented
―
―
TABLE 3-4:
SPECIAL FUNCTION REGISTER SUMMARY BANKS 0-31 (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on all
other Resets
Legend:
x
= unknown, u = unchanged, q =depends on condition, - = unimplemented, read as ‘0’, r = reserved. Shaded locations unimplemented, read as ‘0’.
Note
1:
Only on PIC16F18313/18323.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com