Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/SLSQTP Datasheet(PDF) 55 Page - Microchip Technology

Part # PIC16F18323-E/SLSQTP
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/SLSQTP Datasheet(HTML) 55 Page - Microchip Technology

Back Button PIC16F18323-E/SLSQTP Datasheet HTML 51Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 52Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 53Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 54Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 55Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 56Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 57Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 58Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 442 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS40001799A-page 55
PIC16(L)F18313/18323
4.6
Device ID and Revision ID
The 14-bit device ID word is located at 8006h and the
14-bit revision ID is located at 8005h. These locations
are read-only and cannot be erased or modified.
Development tools, such as device programmers and
debuggers, may be used to read the Device ID,
Revision ID and Configuration Words. These locations
can also be read from the NVMCON register.
4.7
Register Definitions: Device and Revision
REGISTER 4-5:
DEVID: DEVICE ID REGISTER
RRRRRR
DEV<13:8>
bit 13
bit 8
RRRRRRRR
DEV<7:0>
bit 7
bit 0
Legend:
R = Readable bit
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 13-0
DEV<13:0>:
Device ID bits
REGISTER 4-6:
REVID: REVISION ID REGISTER
RRRRRR
REV<13:8>
bit 13
bit 8
RRRRRRRR
REV<7:0>
bit 7
bit 0
Legend:
R = Readable bit
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 13-0
REV<13:0>:
Revision ID bits
Note
1:
The upper two bits (bits 15-14, not shown) of the Revision ID register will always read ‘10’.
Device
DEVID<13:0> Values
PIC16F18313
11 0000 0011 0100 (
3034h)
PIC16LF18313
11 0000 0011 0110 (
3036h)
PIC16F18323
11 0000 0011 0101 (
3035h)
PIC16LF18323
11 0000 0011 0111 (
3037h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com