Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/SLSQTP Datasheet(PDF) 73 Page - Microchip Technology

Part # PIC16F18323-E/SLSQTP
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/SLSQTP Datasheet(HTML) 73 Page - Microchip Technology

Back Button PIC16F18323-E/SLSQTP Datasheet HTML 69Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 70Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 71Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 72Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 73Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 74Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 75Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 76Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 442 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS40001799A-page 73
PIC16(L)F18313/18323
6.4
Fail-Safe Clock Monitor
The Fail-Safe Clock Monitor (FSCM) allows the device
to continue operating should the external oscillator fail.
The FSCM is enabled by setting the FCMEN bit in the
Configuration Words. The FSCM is applicable to all
external Oscillator modes (LP, XT, HS, EC and
Secondary Oscillator).
FIGURE 6-9:
FSCM BLOCK DIAGRAM
6.4.1
FAIL-SAFE DETECTION
The FSCM module detects a failed oscillator by
comparing the external oscillator to the FSCM sample
clock. The sample clock is generated by dividing the
LFINTOSC by 64. See Figure 6-9. Inside the fail
detector block is a latch. The external clock sets the
latch on each falling edge of the external clock. The
sample clock clears the latch on each rising edge of the
sample clock. A failure is detected when an entire
half-cycle of the sample clock elapses before the
external clock goes low.
6.4.2
FAIL-SAFE OPERATION
When the external clock fails, the FSCM switches the
device clock to the HFINTOSC at 1 MHz clock
frequency and sets the bit flag OSFIF of the PIR3
register. Setting this flag will generate an interrupt if the
OSFIE bit of the PIE3 register is also set. The device
firmware can then take steps to mitigate the problems
that may arise from a failed clock. The system clock will
continue to be sourced from the internal clock source
until the device firmware successfully restarts the
external oscillator and switches back to external
operation, by writing to the NOSC and NDIV bits of the
OSCCON1 register.
6.4.3
FAIL-SAFE CONDITION CLEARING
The Fail-Safe condition is cleared after a Reset,
executing a SLEEP instruction or changing the NOSC
and NDIV bits of the OSCCON1 register. When
switching to the external oscillator or PLL, the OST is
restarted. While the OST is running, the device
continues to operate from the INTOSC selected in
OSCCON1. When the OST times out, the Fail-Safe
condition is cleared after successfully switching to the
external clock source. The OSFIF bit should be cleared
prior to switching to the external clock source. If the
Fail-Safe condition still exists, the OSFIF flag will again
become set by hardware.
External
LFINTOSC
÷ 64
S
R
Q
31 kHz
(~32
s)
488 Hz
(~2 ms)
Clock Monitor
Latch
Clock
Failure
Detected
Oscillator
Clock
Q
Sample Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com