Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/SLSQTP Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC16F18323-E/SLSQTP
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/SLSQTP Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC16F18323-E/SLSQTP Datasheet HTML 7Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 8Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 9Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 10Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 11Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 12Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 13Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 14Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 442 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS40001799A-page 11
PIC16(L)F18313/18323
TABLE 1-2:
PIC16(L)F18313 PINOUT DESCRIPTION
Name
Function
Input
Type
Output
Type
Description
RA0/ANA0/C1IN0+/
DAC1OUT/CLCIN3(1)/MDCIN1(1)/
ICSPDAT/ICDDAT
RA0
TTL/ST
CMOS
General purpose I/O.
ANA0
AN
—
ADC Channel A0 input.
C1IN0+
AN
—
Comparator C1 positive input.
DAC1OUT
—
AN
Digital-to-Analog Converter output.
CLCIN3
TTL/ST
—
Configurable Logic Cell source input.
MDCIN1
TTL/ST
—
Modular Carrier input 1.
ICSPDAT
TTL/ST
CMOS
ICSP™ Data I/O.
ICDDAT
TTL/ST
CMOS
In-Circuit Debug Data I/O.
RA1/ANA1/VREF+/C1IN0-/
MDMIN(1)/CLCIN2(1)/SCK(3)/
SCL(3)/RX(1)/DAC1REF+/
ICSPCLK/ICDCLK
RA1
TTL/ST
CMOS
General purpose I/O.
ANA1
AN
—
ADC Channel A1 input.
VREF+
AN
—
ADC Voltage Reference Positive input.
C1IN0-
AN
—
Comparator C1 negative input.
MDMIN
TTL/ST
—
Modulator Source Input.
CLCIN2
TTL/ST
—
Configurable Logic Cell source input.
SCK
TTL/ST
—
SPI clock.
SCL
I2C™
OD
I2CTM clock input/output.
RX
TTL/ST
—
EUSART asynchronous input.
DAC1REF+
AN
—
Digital-to-Analog Converter positive reference voltage
input.
ICSPCLK
TTL/ST
CMOS
Serial Programming Clock.
ICDCLK
TTL/ST
CMOS
In-Circuit Debug Clock.
RA2/ANA2/VREF-/DAC1REF-/
SDI(1,3)/SDA(1,3)/T0CKI(1)/
CWG1IN(1)/INT(1)
RA2
TTL/ST
CMOS
General purpose I/O.
ANA2
AN
—
ADC Channel A3 input.
VREF-
AN
—
ADC Voltage Reference Negative input.
DAC1REF-
AN
—
Digital-to-Analog Converter negative reference voltage
input.
SDI
TTL/ST
CMOS
SPI Data Input.
SDA
I2CTM
OD
I2CTM clock input/output.
T0CKI
TTL/ST
—
Timer0 clock input.
CWG1IN
TTL/ST
—
Complementary Waveform Generator input.
INT
TTL/ST
—
External interrupt.
RA3/MCLR/VPP/SS(1)/CLCIN0(1)
RA3
TTL/ST
CMOS
General purpose I/O.
MCLR
TTL/ST
—
Master Clear with internal pull-up.
VPP
HV
—
Programming voltage.
SS
TTL/ST
—
Slave Select input.
CLCIN0
TTL/ST
—
Configurable Logic Cell source input.
Legend:
AN = Analog input or output
CMOS = CMOS compatible input or output
OD = Open-Drain
TTL = TTL compatible input
ST = Schmitt Trigger input with CMOS levels
I2C™ = Schmitt Trigger input with I2C™
HV = High Voltage
XTAL = Crystal levels
Note
1:
Default peripheral input. Input can be moved to any other pin with the PPS input selection registers. See Register 12-1.
2:
All pin outputs default to PORT latch data. Any pin can be selected as a digital peripheral output with the PPS output
selection registers. See Register 12-2.
3:
These I2C™ functions are bidirectional. The output pin selections must be the same as the input pin selections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com