Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/SLSQTP Datasheet(PDF) 12 Page - Microchip Technology

Part # PIC16F18323-E/SLSQTP
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/SLSQTP Datasheet(HTML) 12 Page - Microchip Technology

Back Button PIC16F18323-E/SLSQTP Datasheet HTML 8Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 9Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 10Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 11Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 12Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 13Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 14Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 15Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 442 page
background image
PIC16(L)F18313/18323
DS40001799A-page 12
Preliminary
 2015 Microchip Technology Inc.
RA4/ANA4/C1IN1-/T1G(1)/
SOSCO/OSC2/CLKOUT
RA4
TTL/ST
CMOS
General purpose I/O.
ANA4
AN
—
ADC Channel A4 input.
C1IN1-
AN
—
Comparator C1 negative input.
T1G
TTL/ST
—
Timer1 gate input.
SOSCO
—
XTAL
Secondary Oscillator Connection.
OSC2
—
XTAL
Crystal/Resonator (LP, XT, HS modes).
CLKOUT
—
CMOS
FOSC/4 output.
RA5/ANA5/MDCIN2(1)/T1CKI(1)/
SOSCIN/SOSCI/CLCIN1(1)/
CCP1(1)/CCP2(2)/OSC1/CLKIN
RA5
TTL/ST
CMOS
General purpose I/O.
ANA5
AN
—
ADC Channel A5 input.
MDCIN2
TTL/ST
—
Modular Carrier input 2.
T1CKI
TTL/ST
—
Timer1 clock input.
SOSCIN
TTL/ST
—
Secondary Oscillator Input Connection.
SOSCI
XTAL
—
Secondary Oscillator Connection.
CLCIN1
TTL/ST
—
Configurable Logic Cell source input.
CCP1
TTL/ST
CMOS
Capture/Compare/PWM1 input.
CCP2
TTL/ST
CMOS
Capture/Compare/PWM2 input.
OSC1
XTAL
—
Crystal/Resonator (LP, XT, HS modes).
CLKIN
TTL/ST
—
External clock input.
OUT(2)
C1OUT
—
CMOS
Comparator output.
NCO1
—
CMOS
NCO output.
CCP1
—
CMOS
Capture/Compare/PWM1 output.
CCP2
—
CMOS
Capture/Compare/PWM2 output.
PWM5
—
CMOS
PWM5 output.
PWM6
—
CMOS
PWM6 output.
CWG1A
—
CMOS
Complementary Waveform Generator Output A.
CWG1B
—
CMOS
Complementary Waveform Generator Output B.
CWG1C
—
CMOS
Complementary Waveform Generator Output C.
CWG1D
—
CMOS
Complementary Waveform Generator Output D.
SDA(3)
—OD
I2C™ data input/output.
SDO
—
CMOS
SPI data output.
SCK
—
CMOS
SPI clock output.
SCL(3)
—OD
I2C™ clock output.
TX/CK
—
CMOS
EUSART asynchronous TX data/synchronous clock
output.
DT
—
CMOS
EUSART synchronous data output.
CLC1OUT
—
CMOS
Configurable Logic Cell 1 source output.
CLC2OUT
—
CMOS
Configurable Logic Cell 2 source output.
DSM
—
CMOS
Modulator output.
TMR0
—
CMOS
TMR0 output.
CLKR
—
CMOS
Clock reference output.
TABLE 1-2:
PIC16(L)F18313 PINOUT DESCRIPTION (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend:
AN = Analog input or output
CMOS = CMOS compatible input or output
OD = Open-Drain
TTL = TTL compatible input
ST = Schmitt Trigger input with CMOS levels
I2C™ = Schmitt Trigger input with I2C™
HV = High Voltage
XTAL = Crystal levels
Note
1:
Default peripheral input. Input can be moved to any other pin with the PPS input selection registers. See Register 12-1.
2:
All pin outputs default to PORT latch data. Any pin can be selected as a digital peripheral output with the PPS output
selection registers. See Register 12-2.
3:
These I2C™ functions are bidirectional. The output pin selections must be the same as the input pin selections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com