Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F18323-E/SLSQTP Datasheet(PDF) 41 Page - Microchip Technology

Part # PIC16F18323-E/SLSQTP
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18323-E/SLSQTP Datasheet(HTML) 41 Page - Microchip Technology

Back Button PIC16F18323-E/SLSQTP Datasheet HTML 37Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 38Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 39Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 40Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 41Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 42Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 43Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 44Page - Microchip Technology PIC16F18323-E/SLSQTP Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 442 page
background image
Bank 31 — only accessible from Debug Executive, unless otherwise specified
CPU CORE REGISTERS; see Table 3-2 for specifics
F8Ch-FE3h
—
—
Unimplemented
—
—
FE4h(2)
STATUS_SHAD
—
—
—
—
—Z
DC
C
---- -xxx
---- -uuu
FE5h(2)
WREG_SHAD
Working Register Normal (Non-ICD) Shadow
xxxx xxxx
uuuu uuuu
FE6h(2)
BSR_SHAD
—
—
—
Bank Select Register Normal (Non-ICD) Shadow
---x -xxx
---- -uuu
FE7h(2)
PCLATH_SHAD
—
Program Counter Latch High Register Normal (Non-ICD) Shadow
-xxx xxxx
-uuu uuuu
FE8h(2)
FSR0L_SHAD
Indirect Data Memory Address 0 Low Pointer Normal (Non-ICD) Shadow
xxxx xxxx
uuuu uuuu
FE9h(2)
FSR0H_SHAD
Indirect Data Memory Address 0 High Pointer Normal (Non-ICD) Shadow
xxxx xxxx
uuuu uuuu
FEAh(2)
FSR1L_SHAD
Indirect Data Memory Address 1 Low Pointer Normal (Non-ICD) Shadow
xxxx xxxx
uuuu uuuu
FEBh(2)
FSR1H_SHAD
Indirect Data Memory Address 1 High Pointer Normal (Non-ICD) Shadow
xxxx xxxx
uuuu uuuu
FECh
—
—
Unimplemented
—
—
FEDh(2)
STKPTR
—
—
—
Current Stack Pointer
---x xxxx
---1 1111
FEEh(2)
TOSL
Top of Stack Low Byte
xxxx xxxx
xxxx xxxx
FEFh(2)
TOSH
—
Top of Stack Low Byte
xxxx xxxx
xxxx xxxx
TABLE 3-4:
SPECIAL FUNCTION REGISTER SUMMARY BANKS 0-31 (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on all
other Resets
Legend:
x
= unknown, u = unchanged, q =depends on condition, - = unimplemented, read as ‘0’, r = reserved. Shaded locations unimplemented, read as ‘0’.
Note
1:
Only on PIC16F18313/18323.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com