| Electronic Components Datasheet Search |
|
S29GL01GS Datasheet(PDF) 41 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
S29GL01GS Datasheet(HTML) 41 Page - Cypress Semiconductor |
|
41 / 108 page ![]() Document Number: 001-98285 Rev. *R Page 41 of 108 S29GL01GS/S29GL512S S29GL256S/S29GL128S 5.6.2 Protection Error If an embedded algorithm attempts to change data within a protected area (program, or erase of a protected sector or OTP area) the device (EAC) goes busy for a period of 20 to 100 µs then returns to normal operation. During the busy period the RY/BY# output remains Low, data polling status continues to be overlaid on all address locations, and the status register shows not ready with invalid status bits (SR[7] = 0). During the protection error status busy period the data polling status will show the following: DQ7 is the inversion of the DQ7 bit in the last word loaded into the write buffer. DQ7 = 0 for an erase failure DQ6 continues to toggle, independent of the address used to read status DQ5 = 0; to indicate no failure of the embedded operation during the busy period DQ4 is RFU and should be treated as don’t care (masked) DQ3 = 1 to indicate embedded sector erase in progress DQ2 continues to toggle, independent of the address used to read status DQ1 = 0; Write buffer abort error DQ0 is RFU and should be treated as don’t care (masked) Commands that are accepted during the protection error status busy period are: Status Register Read When the busy period ends the device returns to normal operation, the data polling status is no longer overlaid, RY/BY# is High, and the status register shows ready with valid status bits. The device is ready for flash array read or write of a new command. After the protection error status busy period the Status Register will show the following: SR[7] = 1; Valid status displayed SR[6] = X; May or may not be erase suspended after the protection error busy period SR[5] = 1 on erase error, else = 0 SR[4] = 1 on program error, else = 0 SR[3] = 0; Program not aborted SR[2] = 0; No Program in suspension SR[1] = 1; Error due to attempting to change a protected location SR[0] = X; RFU, treat as don’t care (masked) Commands that are accepted after the protection error status busy period are: Any command |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |