Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GS Datasheet(PDF) 74 Page - Cypress Semiconductor

Part # S29GL01GS
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS Datasheet(HTML) 74 Page - Cypress Semiconductor

Back Button S29GL01GS Datasheet HTML 70Page - Cypress Semiconductor S29GL01GS Datasheet HTML 71Page - Cypress Semiconductor S29GL01GS Datasheet HTML 72Page - Cypress Semiconductor S29GL01GS Datasheet HTML 73Page - Cypress Semiconductor S29GL01GS Datasheet HTML 74Page - Cypress Semiconductor S29GL01GS Datasheet HTML 75Page - Cypress Semiconductor S29GL01GS Datasheet HTML 76Page - Cypress Semiconductor S29GL01GS Datasheet HTML 77Page - Cypress Semiconductor S29GL01GS Datasheet HTML 78Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 74 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
10.6
Capacitance Characteristics
Notes:
1. Sampled, not 100% tested.
2. Test conditions TA = 25 °C, f = 1.0 MHz.
Notes:
1. Sampled, not 100% tested.
2. Test conditions TA = 25 °C, f = 1.0 MHz.
Notes:
1. Sampled, not 100% tested.
2. Test conditions TA = 25 °C, f = 1.0 MHz.
Table 10.6 Connector Capacitance for FBGA (LAA) Package
Parameter Symbol
Parameter Description
Test Setup
Typ
Max
Unit
CIN
Input Capacitance
VIN = 0
8
9
pF
COUT
Output Capacitance
VOUT = 0
5
7
pF
CIN2
Control Pin Capacitance
VIN = 0
4
8
pF
RY/BY#
Output Capacitance
VOUT = 0
3
4
pF
Table 10.7 Connector Capacitance for FBGA (LAE) Package
Parameter Symbol
Parameter Description
Test Setup
Typ
Max
Unit
CIN
Input Capacitance
VIN = 0
7
8
pF
COUT
Output Capacitance
VOUT = 0
5
6
pF
CIN2
Control Pin Capacitance
VIN = 0
3
7
pF
RY/BY#
Output Capacitance
VOUT = 0
3
4
pF
Table 10.8 Connector Capacitance for TSOP Package
Parameter Symbol
Parameter Description
Test Setup
Typ
Max
Unit
CIN
Input Capacitance
VIN = 0
7
8
pF
COUT
Output Capacitance
VOUT = 0
5
6
pF
CIN2
Control Pin Capacitance
VIN = 0
3
7
pF
RY/BY#
Output Capacitance
VOUT = 0
3
4
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com