Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GS Datasheet(PDF) 59 Page - Cypress Semiconductor

Part # S29GL01GS
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS Datasheet(HTML) 59 Page - Cypress Semiconductor

Back Button S29GL01GS Datasheet HTML 55Page - Cypress Semiconductor S29GL01GS Datasheet HTML 56Page - Cypress Semiconductor S29GL01GS Datasheet HTML 57Page - Cypress Semiconductor S29GL01GS Datasheet HTML 58Page - Cypress Semiconductor S29GL01GS Datasheet HTML 59Page - Cypress Semiconductor S29GL01GS Datasheet HTML 60Page - Cypress Semiconductor S29GL01GS Datasheet HTML 61Page - Cypress Semiconductor S29GL01GS Datasheet HTML 62Page - Cypress Semiconductor S29GL01GS Datasheet HTML 63Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 59 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
Lower Software Bits
(SA) + 000Ch
Bit 0 - Status Register Support
1 = Status Register Supported
0 = Status Register not supported
Bit 1 - DQ polling Support
1 = DQ bits polling supported
0 = DQ bits polling not supported
Bit 3–2 - Command Set Support
11 = reserved
10 = reserved
01 = Reduced Command Set
00 = Classic Command set
Bits 4–15 - Reserved = 0
Upper Software Bits
(SA) + 000Dh
Reserved
Device ID
(SA) + 000Eh
2228h = 1 Gb
2223h = 512 Mb
2222h = 256 Mb
2221h = 128 Mb
Device ID
(SA) + 000Fh
2201h
Table 7.3 CFI Query Identification String
Word Address
Data
Description
(SA) + 0010h
(SA) + 0011h
(SA) + 0012h
0051h
0052h
0059h
Query Unique ASCII string “QRY”
(SA) + 0013h
(SA) + 0014h
0002h
0000h
Primary OEM Command Set
(SA) + 0015h
(SA) + 0016h
0040h
0000h
Address for Primary Extended Table
(SA) + 0017h
(SA) + 0018h
0000h
0000h
Alternate OEM Command Set
(00h = none exists)
(SA) + 0019h
(SA) + 001Ah
0000h
0000h
Address for Alternate OEM Extended Table
(00h = none exists)
Table 7.2 ID (Autoselect) Address Map (Continued)
Description
Address
Read Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com