Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GS Datasheet(PDF) 60 Page - Cypress Semiconductor

Part # S29GL01GS
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS Datasheet(HTML) 60 Page - Cypress Semiconductor

Back Button S29GL01GS Datasheet HTML 56Page - Cypress Semiconductor S29GL01GS Datasheet HTML 57Page - Cypress Semiconductor S29GL01GS Datasheet HTML 58Page - Cypress Semiconductor S29GL01GS Datasheet HTML 59Page - Cypress Semiconductor S29GL01GS Datasheet HTML 60Page - Cypress Semiconductor S29GL01GS Datasheet HTML 61Page - Cypress Semiconductor S29GL01GS Datasheet HTML 62Page - Cypress Semiconductor S29GL01GS Datasheet HTML 63Page - Cypress Semiconductor S29GL01GS Datasheet HTML 64Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 60 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
Table 7.4 CFI System Interface String
Word Address
Data
Description
(SA) + 001Bh
0027h
VCC Min. (erase/program) (D7–D4: volts, D3–D0: 100 mV)
(SA) + 001Ch
0036h
VCC Max. (erase/program) (D7–D4: volts, D3–D0: 100 mV)
(SA) + 001Dh
0000h
VPP Min. voltage (00h = no VPP pin present)
(SA) + 001Eh
0000h
VPP Max. voltage (00h = no VPP pin present)
(SA) + 001Fh
0008h
Typical timeout per single word write 2N µs
(SA) + 0020h
0009h
Typical timeout for max
multi-byte program, 2N µs
(00h = not supported)
(SA) + 0021h
0008h
Typical timeout per individual block erase 2N ms
(SA) + 0022h
0012h (1 Gb)
0011h (512 Mb)
0010h (256 Mb)
000Fh (128 Mb)
Typical timeout for full chip erase 2N ms (00h = not supported)
(SA) + 0023h
0001h
Max. timeout for single word write 2N times typical
(SA) + 0024h
0002h
Max. timeout for buffer write 2N times typical
(SA) + 0025h
0003h
Max. timeout per individual block erase 2N times typical
(SA) + 0026h
0003h
Max. timeout for full chip erase 2N times typical
(00h = not supported)
Table 7.5 CFI Device Geometry Definition
Word Address
Data
Description
(SA) + 0027h
001Bh (1 Gb)
001Ah (512 Mb)
0019h (256 Mb)
0018h (128 Mb)
Device Size = 2N byte;
(SA) + 0028h
0001h
Flash Device Interface Description 0 = ×8-only, 1 = ×16-only, 2 = ×8/×16 capable
(SA) + 0029h
0000h
(SA) + 002Ah
0009h
Max. number of byte in multi-byte write = 2N
(00 = not supported)
(SA) + 002Bh
0000h
(SA) + 002Ch
0001h
Number of Erase Block Regions within device
1 = Uniform Device, 2 = Boot Device
(SA) + 002Dh
00XXh
Erase Block Region 1 Information (refer to JEDEC JESD68-01 or JEP137
specifications)
00FFh, 0003h, 0000h, 0002h =1 Gb
00FFh, 0001h, 0000h, 0002h = 512 Mb
00FFh, 0000h, 0000h, 0002h = 256 Mb
007Fh, 0000h, 0000h, 0002h = 128 Mb
(SA) + 002Eh
000Xh
(SA) + 002Fh
0000h
(SA) + 0030h
000Xh
(SA) + 0031h
0000h
Erase Block Region 2 Information (refer to CFI publication 100)
(SA) + 0032h
0000h
(SA) + 0033h
0000h
(SA) + 0034h
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com