Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GS Datasheet(PDF) 86 Page - Cypress Semiconductor

Part # S29GL01GS
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS Datasheet(HTML) 86 Page - Cypress Semiconductor

Back Button S29GL01GS Datasheet HTML 82Page - Cypress Semiconductor S29GL01GS Datasheet HTML 83Page - Cypress Semiconductor S29GL01GS Datasheet HTML 84Page - Cypress Semiconductor S29GL01GS Datasheet HTML 85Page - Cypress Semiconductor S29GL01GS Datasheet HTML 86Page - Cypress Semiconductor S29GL01GS Datasheet HTML 87Page - Cypress Semiconductor S29GL01GS Datasheet HTML 88Page - Cypress Semiconductor S29GL01GS Datasheet HTML 89Page - Cypress Semiconductor S29GL01GS Datasheet HTML 90Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 86 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
Figure 11.14 Program Operation Timing Diagram
Note:
1. PA = program address, PD = program data, DOUT is the true data at the program address.
Figure 11.15 Chip/Sector Erase Operation Timing Diagram
Note:
1. SA = sector address (for sector erase), VA = valid address for reading status data.
OE#
WE#
CE#
Data
Addresses
tDS
tAH
tDH
tWP
PD
tWHWH1
tWC
tAS
tWPH
555h
PA
PA
Read Status Data (last two cycles)
A0h
tCS
Status
DOUT
Program Command Sequence (last two cycles)
RY/BY#
tRB
tBUSY
tCH
PA
OE#
CE#
Addresses
WE#
Data
2AAh
SA
tAH
tWP
tWC
tAS
tWPH
555h for chip erase
10 for Chip Erase
tDS
tCS
tDH
tCH
tWHWH2
VA
VA
Erase Command Sequence (last two cycles)
Read Status Data (last two cycles)
RY/BY#
tRB
tBUSY
30h
In
Progress
Complete
55h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com