Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GS Datasheet(PDF) 72 Page - Cypress Semiconductor

Part # S29GL01GS
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS Datasheet(HTML) 72 Page - Cypress Semiconductor

Back Button S29GL01GS Datasheet HTML 68Page - Cypress Semiconductor S29GL01GS Datasheet HTML 69Page - Cypress Semiconductor S29GL01GS Datasheet HTML 70Page - Cypress Semiconductor S29GL01GS Datasheet HTML 71Page - Cypress Semiconductor S29GL01GS Datasheet HTML 72Page - Cypress Semiconductor S29GL01GS Datasheet HTML 73Page - Cypress Semiconductor S29GL01GS Datasheet HTML 74Page - Cypress Semiconductor S29GL01GS Datasheet HTML 75Page - Cypress Semiconductor S29GL01GS Datasheet HTML 76Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 72 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
10.5
DC Characteristics
Notes:
1. ICC active while Embedded Algorithm is in progress.
2. Not 100% tested.
3. Automatic sleep mode enables the lower power mode when addresses remain stable for the specified designated time.
4. VIO = 1.65V to VCC or 2.7V to VCC depending on the model.
5. VCC = 3V and VIO = 3V or 1.8V. When VIO is at 1.8V, I/O pins cannot operate at >1.8V.
6. During power-up there are spikes of current demand, the system needs to be able to supply this current to insure the part initializes correctly.
7. If an embedded operation is in progress at the start of reset, the current consumption will remain at the embedded operation specification until the embedded operation
is stopped by the reset. If no embedded operation is in progress when reset is started, or following the stopping of an embedded operation, ICC5 will be drawn during
the remainder of tRPH. After the end of tRPH the device will go to standby mode until the next read or write.
8. The recommended pull-up resistor for RY/BY# output is 5k to 10k Ohms.
Table 10.4 DC Characteristics (–40 °C to +85 °C)
Parameter
Description
Test Conditions
Min
Typ
(Note 2)
Max
Unit
ILI
Input Load Current
VIN = VSS to VCC, VCC = VCC max
–
+0.02
±1.0
µA
ILO
Output Leakage Current
VOUT = VSS to VCC, VCC = VCC max
–
+0.02
±1.0
µA
ICC1
VCC Active Read Current
CE# = VIL, OE# = VIH, Address
switching @ 5 MHz, VCC = VCC max
–55
60
mA
ICC2
VCC Intra-Page Read Current
CE# = VIL, OE# = VIH, Address
switching @ 33 MHz, VCC = VCC max
–9
25
mA
ICC3
VCC Active Erase/Program
Current (Notes 1, 2)
CE# = VIL, OE# = VIH, VCC = VCC max
–
45
100
mA
ICC4
VCC Standby Current
CE#, RESET#, OE# = VIH, VIH = VIO
VIL = VSS, VCC = VCC max
–
70
100
µA
ICC5
VCC Reset Current (Notes 2, 7)
CE# = VIH, RESET# = VIL,
VCC = VCC max
–10
20
mA
ICC6
Automatic Sleep Mode (Note 3)
VIH = VIO, VIL = VSS ,
VCC = VCC max, tACC + 30 ns
–3
6
mA
VIH = VIO, VIL = VSS,
VCC = VCC max, tASSB
–
100
150
µA
ICC7
VCC Current during power up
(Notes 2, 6)
RESET# = VIO, CE# = VIO, OE# = VIO,
VCC = VCC max,
–53
80
mA
VIL
Input Low Voltage (Note 4)
–0.5
–
0.3 × VIO
V
VIH
Input High Voltage (Note 4)
0.7 × VIO
–VIO + 0.4
V
VOL
Output Low Voltage (Notes 4, 8)
IOL = 100 µA for DQ15–DQ0;
IOL = 2 mA for RY/BY#
–
–
0.15 × VIO
V
VOH
Output High Voltage (Note 4)
IOH = 100 µA
0.85 × VIO
––
V
VLKO
Low VCC Lock-Out Voltage
(Note 2)
2.25
–
2.5
V
VRST
Low VCC Power on Reset
Voltage (Note 2)
–1.0
–
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com