Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GS Datasheet(PDF) 70 Page - Cypress Semiconductor

Part # S29GL01GS
Description  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS Datasheet(HTML) 70 Page - Cypress Semiconductor

Back Button S29GL01GS Datasheet HTML 66Page - Cypress Semiconductor S29GL01GS Datasheet HTML 67Page - Cypress Semiconductor S29GL01GS Datasheet HTML 68Page - Cypress Semiconductor S29GL01GS Datasheet HTML 69Page - Cypress Semiconductor S29GL01GS Datasheet HTML 70Page - Cypress Semiconductor S29GL01GS Datasheet HTML 71Page - Cypress Semiconductor S29GL01GS Datasheet HTML 72Page - Cypress Semiconductor S29GL01GS Datasheet HTML 73Page - Cypress Semiconductor S29GL01GS Datasheet HTML 74Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 70 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
10.4.2
Power Supply Voltages
Operating ranges define those limits between which the functionality of the device is guaranteed.
10.4.3
Power-Up and Power-Down
During power-up or power-down VCC must always be greater than or equal to VIO (VCC  VIO).
The device ignores all inputs until a time delay of tVCS has elapsed after the moment that VCC and VIO both rise above, and stay
above, the minimum VCC and VIO thresholds. During tVCS the device is performing power on reset operations.
During power-down or voltage drops below VCC Lockout maximum (VLKO), the VCC and VIO voltages must drop below VCC Reset
(VRST) minimum for a period of tPD for the part to initialize correctly when VCC and VIO again rise to their operating ranges. See
Figure 10.2 on page 71. If during a voltage drop the VCC stays above VLKO maximum the part will stay initialized and will work
correctly when VCC is again above VCC minimum. If the part locks up from improper initialization, a hardware reset can be used to
initialize the part correctly.
Normal precautions must be taken for supply decoupling to stabilize the VCC and VIO power supplies. Each device in a system
should have the VCC and VIO power supplies decoupled by a suitable capacitor close to the package connections (this capacitor is
generally on the order of 0.1 µF). At no time should VIO be greater then 200 mV above VCC (VCC  VIO –200 mV).
Note:
1. Not 100% tested.
Figure 10.1 Power-up
VCC
2.7 V to 3.6 V
VIO
1.65 V to VCC +200 mV
Table 10.3 Power-Up/Power-Down Voltage and Timing
Symbol
Parameter
Min
Max
Unit
VCC
VCC Power Supply
2.7
3.6
V
VLKO
VCC level below which re-initialization is required (Note 1)
2.25
2.5
V
VRST
VCC and VIO Low voltage needed to ensure initialization will occur
(Note 1)
1.0
–
V
tVCS
VCC and VIO  minimum to first access (Note 1)
300
–
µs
tPD
Duration of VCC  VRST(min) (Note 1)
15
–
µs
Vcc (m a x)
Vcc (m in )
Po w e r Su p p ly
Vo lta g e
tim e
tVCS
F u ll D e vice A cce ss
Vcc
V IO (m in)
V IO (m a x)
V IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com