Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7546 Datasheet(PDF) 28 Page - STMicroelectronics

Part # TDA7546
Description  Multichip module for TMC tuner applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7546 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TDA7546 Datasheet HTML 24Page - STMicroelectronics TDA7546 Datasheet HTML 25Page - STMicroelectronics TDA7546 Datasheet HTML 26Page - STMicroelectronics TDA7546 Datasheet HTML 27Page - STMicroelectronics TDA7546 Datasheet HTML 28Page - STMicroelectronics TDA7546 Datasheet HTML 29Page - STMicroelectronics TDA7546 Datasheet HTML 30Page - STMicroelectronics TDA7546 Datasheet HTML 31Page - STMicroelectronics TDA7546 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
Functional description
TDA7546
28/68
factor (IDF), output divider factor (ODF), multiplication factor (MF) and fractional factor
(FRA) must be found (max. fsys tolerance ±0.7KHz). For fractional mode an additional
dither can be enabled (DITEN) to eliminate tones in the PLL output clock. The fractional
mode can be disabled (FRAEN) if not needed.
The system clock (fsys) is equal to the XTI input clock after reset. After the PLL is locked,
the system clock will switch automatically to the PLL output clock. Then the SPI/I2C can be
used at the maximum speed of 400kbits/s.
The initialization of the PLL must be done only once after hardware reset. After PLL locking
the RDS functionality can be used regardless of the PLL.
It is possible to disabled all clock for power down mode, which can be external hardware
reset .
5.2.3
Sigma delta converter
The sigma delta modulator is a 3rd order (second order-first order cascade) structure.
Therefore a multi bit output (2 bit streams) represents the analog input signal. A next digital
noise canceller will take the 2 bit streams and calculates a combined stream which is then
fed to the decimation filter. The modulator works at a sampling frequency of fsys/2. The over
sampling factor in relation to the band of interest (57KHz ± 2.4KHz) is 38.
5.2.4
Demodulator
The demodulator includes:
RDS quality indicator with selectable sensitivity
Selectable time constant of 57KHz PLL
Selectable time constant of bit PLL
Time constant selection done automatically or by software
The demodulator is fed by the 57KHz bandpass filter and interpolated multiplex signal. The
input signal passes a digital filter extracting the sinus and cosinus components, to be used
for further processing.
The sign of both channels are used as input for the ARI indicator and for the 57KHz PLL.
A fast ARI indicator determines the presence of an ARI carrier. If an ARI carrier is present,
the 57KHz PLL is operating as a normal PLL, else it is operating as a Costas loop.
One part of the PLL is compensating the integral offset (frequency deviation between
oscillator and input signal).
One channel of the filter is fed into the half wave integrator. Two half waves are created, with
a phase deviation of 90 degrees. One wave represents the RDS component, whereas the
other wave represents the ARI component.
The sign of both waves are used as reference for the bit PLL (1187.5 Hz).
The RDS wave is then fed into the half wave extractor. This leads into an RDS signal, which
after integration and differential decoding represents the RDS data.
In a similar way a quality bit can be calculated. This is useful to optimize error correction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com