Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7546 Datasheet(PDF) 44 Page - STMicroelectronics

Part # TDA7546
Description  Multichip module for TMC tuner applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7546 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button TDA7546 Datasheet HTML 40Page - STMicroelectronics TDA7546 Datasheet HTML 41Page - STMicroelectronics TDA7546 Datasheet HTML 42Page - STMicroelectronics TDA7546 Datasheet HTML 43Page - STMicroelectronics TDA7546 Datasheet HTML 44Page - STMicroelectronics TDA7546 Datasheet HTML 45Page - STMicroelectronics TDA7546 Datasheet HTML 46Page - STMicroelectronics TDA7546 Datasheet HTML 47Page - STMicroelectronics TDA7546 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
Software specifications
TDA7546
44/68
Table 21.
Addr 10 quality detection multipath
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
Multipath control “ON”
1
Multipath control “OFF”
0
MP bandpass frequency 19KHz
1
MP bandpass frequency 31KHz
0
MP gain 12dB
1
MP gain 23dB
0
0
MP threshold 0.50V
0
1
MP threshold 0.75V
1
0
MP threshold 1.00V
1
1
MP threshold 1.25V
0
0
Application mode 1
0
1
Application mode 2
0
Multipath eliminates ac
1
Multipath eliminates ac and ac+
Table 22.
Addr 11 quality deviation detection
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
0
0
charge current 34
μA, discharge current 6μA
0
0
1
charge current 32
μA, discharge current 8μA
0
1
0
charge current 30mA, discharge current 10
μA
0
1
1
charge current 28
μA, discharge current 12μA
--
-
-
1
1
1
charge current 20
μA, discharge current 20μA
0
0
DEV threshold for ISS narrow/wide 30KHz
0
1
DEV threshold for ISS narrow/wide 45KHz
1
0
DEV threshold for ISS narrow/wide 60KHz
1
1
DEV threshold for ISS narrow/wide 75KHz
0
0
DEV threshold for ISS filter “OFF” ratio 1.5
0
1
DEV threshold for ISS filter “OFF” ratio 1.4
1
0
DEV threshold for ISS filter “OFF” ratio 1.3
1
1
DEV threshold for ISS filter “OFF” ratio 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com