Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7546 Datasheet(PDF) 43 Page - STMicroelectronics

Part # TDA7546
Description  Multichip module for TMC tuner applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7546 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button TDA7546 Datasheet HTML 39Page - STMicroelectronics TDA7546 Datasheet HTML 40Page - STMicroelectronics TDA7546 Datasheet HTML 41Page - STMicroelectronics TDA7546 Datasheet HTML 42Page - STMicroelectronics TDA7546 Datasheet HTML 43Page - STMicroelectronics TDA7546 Datasheet HTML 44Page - STMicroelectronics TDA7546 Datasheet HTML 45Page - STMicroelectronics TDA7546 Datasheet HTML 46Page - STMicroelectronics TDA7546 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
TDA7546
Software specifications
43/68
Table 19.
Addr 8 quality ISS filter
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
ISS filter control “ON”
1
ISS filter control “OFF”
0
Switch ISS filter “OFF”
1
Switch ISS filter “ON”
0
Switch “OFF” ISS filter 120KHz
1
Switch “ON” ISS filter 80KHz
0
Switch “OFF” ISS filter 30KHz for weatherband
1
Switch “ON” ISS filter 30KHz for weatherband
0
Disable TV offset for weather band
1
Enable TV offset for weather band (+4V)
0
0
0
discharge current1
μA, charge current mid 74μA narrow124μA
0
0
1
discharge current3
μA, charge current mid 72μA narrow122μA
0
1
0
discharge current 5
μA, charge current mid 70μA narrow 120μA
0
1
1
discharge current 7
μA, charge current mid 68μA narrow 118μA
--
-
-
1
1
1
discharge current 15
μA,charge current mid 60μA narrow 110μA
Table 20.
Addr 9 quality detection adjacent channel
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0/1
Not valid
0
AC highpass frequency 100KHz
1
AC bandpass frequency 100KHz
0
AC gain 32dB
1
AC gain 38dB
0
0
0
AC wide band threshold 0.25V
0
0
1
AC wide band threshold 0.35V
0
1
0
AC wide band threshold 0.45V
---
-
1
1
1
AC wide band threshold 0.95V
0
0
AC narrow band threshold 0.0V
0
1
AC narrow band threshold 0.1V
1
0
AC narrow band threshold 0.2V
1
1
AC narrow band threshold 0.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com