Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7546 Datasheet(PDF) 45 Page - STMicroelectronics

Part # TDA7546
Description  Multichip module for TMC tuner applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7546 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button TDA7546 Datasheet HTML 41Page - STMicroelectronics TDA7546 Datasheet HTML 42Page - STMicroelectronics TDA7546 Datasheet HTML 43Page - STMicroelectronics TDA7546 Datasheet HTML 44Page - STMicroelectronics TDA7546 Datasheet HTML 45Page - STMicroelectronics TDA7546 Datasheet HTML 46Page - STMicroelectronics TDA7546 Datasheet HTML 47Page - STMicroelectronics TDA7546 Datasheet HTML 48Page - STMicroelectronics TDA7546 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
TDA7546
Software specifications
45/68
0
Disable ISS filter to fixed bandwith (ISS80) in automatic
control
1
Enable ISS filter to fixed bandwith (ISS80) in automatic control
Table 22.
Addr 11 quality deviation detection (continued)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
Table 23.
Addr 14 VCODIV/PLLREF
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
0
not valid (only for testing)
0
1
VCO frequency divided by 2
1
0
VCO frequency divided by 3
1
1
original VCO frequency
0
VCO” I” signal 0°C
1
VCO “I” signal 180°C
1
0
0
PLL reference frequency 50KHz
1
0
1
PLL reference frequency 25KHz
1
1
0
PLL reference frequency 10KHz
1
1
1
PLL reference frequency 9KHz
0
0
0
PLL reference frequency 2KHz
0
0
has to be set
Table 24.
Addr 15 FM AGC
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
0
RFAGC threshold V3-5TH = 82(74 ANT)dBμV
0
1
RFAGC threshold V3-5TH = 88(80 ANT)dBμV
1
0
RFAGC threshold V3-5TH = 92(84 ANT)dBμV
1
1
RFAGC threshold V3-5TH = 94(86 ANT)dBμV
0
0
IFAGC threshold V77TH = 86(60 ANT)dBμV
0
1
IFAGC threshold V77TH = 92(66 ANT)dBμV
1
0
IFAGC threshold V77TH = 96(70 ANT)dBμV
1
1
IFAGC threshold V77TH = 98(72 ANT)dBμV
0
0
0
KAGC threshold 80dB
μV
0
0
1
KAGC threshold 82dB
μV
0
1
0
KAGC threshold 84dB
μV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com