Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7546 Datasheet(PDF) 40 Page - STMicroelectronics

Part # TDA7546
Description  Multichip module for TMC tuner applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7546 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button TDA7546 Datasheet HTML 36Page - STMicroelectronics TDA7546 Datasheet HTML 37Page - STMicroelectronics TDA7546 Datasheet HTML 38Page - STMicroelectronics TDA7546 Datasheet HTML 39Page - STMicroelectronics TDA7546 Datasheet HTML 40Page - STMicroelectronics TDA7546 Datasheet HTML 41Page - STMicroelectronics TDA7546 Datasheet HTML 42Page - STMicroelectronics TDA7546 Datasheet HTML 43Page - STMicroelectronics TDA7546 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
Software specifications
TDA7546
40/68
6.2
Data byte specification
Table 12.
Addr 0 charge pump control
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
0
0
0
High current = 0mA
0
0
0
1
High current = 0.5mA
0
0
1
0
High current = 1mA
0
0
1
1
High current = 1.5mA
--
--
-
1
1
1
1
High current = 7.5mA
0
0
Low current = 0
μA
0
1
Low current = 50
μA
1
0
Low current = 100
μA
1
1
Low current = 150
μA
0
Select low current
1
Select high current
0
Lock detector disable
1
Lock detector enable
Table 13.
Addr 1 PLL counter 1 (LSB)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
00000000
LSB = 0
00000001
LSB = 1
00000010
LSB = 2
--------
-
11111100
LSB = 252
11111101
LSB = 253
11111110
LSB = 254
11111111
LSB = 255
Table 14.
Addr 2 PLL counter 2 (MSB)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
0
0
000
00
MSB = 0
0
0
0
000
01
MSB = 256
0
0
0
000
10
MSB = 512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com