Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7546 Datasheet(PDF) 47 Page - STMicroelectronics

Part # TDA7546
Description  Multichip module for TMC tuner applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7546 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button TDA7546 Datasheet HTML 43Page - STMicroelectronics TDA7546 Datasheet HTML 44Page - STMicroelectronics TDA7546 Datasheet HTML 45Page - STMicroelectronics TDA7546 Datasheet HTML 46Page - STMicroelectronics TDA7546 Datasheet HTML 47Page - STMicroelectronics TDA7546 Datasheet HTML 48Page - STMicroelectronics TDA7546 Datasheet HTML 49Page - STMicroelectronics TDA7546 Datasheet HTML 50Page - STMicroelectronics TDA7546 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 68 page
background image
TDA7546
Software specifications
47/68
Table 27.
Addr 18 s-meter slider
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
0
0
0
S meter slider offset SL=0dB
0
0
0
1
S meter offset SL=1dB
0
0
1
0
S meter offset SL=2dB
----
-
1
1
1
1
S meter offset SL=15dB
0
S meter offset -SL
1
S meter offset +SL
0
S Meter slope 1V/decade
1
S meter slope 1.5V/decade
1
has to be set
0
Overdeviation correction “ON”
1
Overdeviation correction “OFF”
Table 28.
Addr 19 IF gain/xtal adjust
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
IF1 gain2 9dB
1
IF1 gain2 11dB
0
0
IF1 gain1 9dB
0
1
IF1 gain1 11dB
1
0
IF1 gain1 12dB
1
1
IF1 gain1 15dB
00
00
0
CLoad 0pF
00
00
1
CLoad 0.75pF
00
01
0
CLoad 1.5pF
00
01
1
CLoad 2.25pF
00
10
0
CLoad 3pF
---
--
-
11
11
1
CLoad 23.25pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com