Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7546 Datasheet(PDF) 33 Page - STMicroelectronics

Part # TDA7546
Description  Multichip module for TMC tuner applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7546 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TDA7546 Datasheet HTML 29Page - STMicroelectronics TDA7546 Datasheet HTML 30Page - STMicroelectronics TDA7546 Datasheet HTML 31Page - STMicroelectronics TDA7546 Datasheet HTML 32Page - STMicroelectronics TDA7546 Datasheet HTML 33Page - STMicroelectronics TDA7546 Datasheet HTML 34Page - STMicroelectronics TDA7546 Datasheet HTML 35Page - STMicroelectronics TDA7546 Datasheet HTML 36Page - STMicroelectronics TDA7546 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
TDA7546
Functional description
33/68
receiving bad signal is shorter than the decreasing time of the flywheel counter,
then the RDS will keep its synchronization and stores RDS data every 22ms.
Section 3:
After leaving the tunnel, the signal is getting better and the RDS will be
synchronized again as described in section 1.
5.2.7
RAM buffer
The RAM buffer can store up to 24 RDS blocks (rds_bd_h[7:0] and rds_bd_l[7:0]) with their
related information (rds_qu[7:0] and rds_corrp[7:0]) (Figure 7):
Figure 8.
RAM buffer usage
After power up, or after resynchronization by setting “ar_res” rds_int[5] to one, incoming
RDS blocks are stored in the RAM buffer when synchronization has been established
(Figure 8.). But if the bit “syncw” rds_bd_ctrl[0] (refer to page 50) is cleared, every received
RDS block is stored, also without synchronization. This means if the RDS is not
synchronized, every received consecutive 26 RDS data bits are treated as a RDS block.
Figure 9.
RAM buffer update depends on “syncw” bit rds_bd_ctrl[0]
rds_qu[7..0]
rds_corrp[7..0]
rds_bd_h[7..0]
rds_bd_l[7..0]
rds_bd_ctrl[7..0]
sinc4reg[7..0]
testreg[7..0]
rds_int[7..0]
INTERNAL REGISTERS
RAM BUFFER
(24 blocks)
I2C/SPI SHIFT REGISTER
SA_DATAOUT
(spi mode)
SDA_DATAIN
(i2c mode)
rds_qu[7..0]
rds_corrp[7..0]
rds_bd_h[7..0]
rds_bd_l[7..0]
rds_bd_ctrl[7..0]
sinc4reg[7..0]
testreg[7..0]
rds_int[7..0]
read access
(internal)
write access
(external)
pllreg4[7..0]
pllreg0[7..0]
pllreg0[7..0]
pllreg4[7..0]
Block A
Block B
Block C
RDS data
bits
Write to RAM
Buffer if
"syncw" = 1
Write to RAM
Buffer if
"syncw" = 0
Synchro-
nization flag
"synch"
0
1
time
time
time
time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com