Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3532 Datasheet(PDF) 19 Page - Texas Instruments

Part # LM3532
Description  LM3532 High-Efficiency White LED Driver With Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3532 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM3532 Datasheet HTML 15Page - Texas Instruments LM3532 Datasheet HTML 16Page - Texas Instruments LM3532 Datasheet HTML 17Page - Texas Instruments LM3532 Datasheet HTML 18Page - Texas Instruments LM3532 Datasheet HTML 19Page - Texas Instruments LM3532 Datasheet HTML 20Page - Texas Instruments LM3532 Datasheet HTML 21Page - Texas Instruments LM3532 Datasheet HTML 22Page - Texas Instruments LM3532 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
ALS Enable
ALS Start-Up Fast
Average Period
(1.1 ms)
VALS_X
Zone 0
ALS Zone
I2C
ILED_
Zone 0
Zone 0
Zone 0
Zone Target x
VALS_Y
Start-Up
Ramp Rate
Zone Target y
Normal ALS
Average Period
Zone X
Zone X
Zone X
Zone Y
Run Time
Ramp Rate
LM3532
www.ti.com
SNVS653E – JULY 2011 – REVISED AUGUST 2015
7.4.10.8 ALS Averaging
ALS averaging is used to filter out any fast changes in the ambient light sensor inputs. This prevents the
backlight current from constantly changing due to rapid fluctuations in the ambient light. There are 8 separate
averaging periods available for the ALS inputs (see Table 17). During an average period the ADC continually
samples at 7.143 ksps. Therefore, during an average period, the ALS Averager output is the average of
7143/tAVE.
7.4.10.9 ALS ADC Average Readback
The output of the LM3532's averager is read back via the Average ADC Register. This data is the ADC register
data, averaged over the programmed ALS average time.
7.4.10.10 Initializing the ALS
On initial start-up of the ALS Block, the Ambient Light Zone defaults to Zone 0. This allows the ALS to start off in
a predictable state. The drawback is that Zone 0 is often not representative of the true ALS Brightness Zone
because the ALS inputs can get to their ambient light representative voltage much faster then the backlight is
allowed to change. In order to avoid a multiple average time wait for the backlight current to get to its correct
state, the LM3532 switches over to a fast average period (1.1 ms) on ALS startup. This quickly brings the ALS
Brightness Zone (and the backlight current) to its correct setting (see Figure 18).
Figure 18. ALS Start-up Sequence
7.4.10.11 ALS Operation
The LM3532's Ambient Light Sensor Interface has 3 different algorithms that can be used to control the ambient
light to backlight current response.
ALS Algorithms
1. Direct ALS Control
2. Down Delay
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM3532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com