Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3532 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM3532
Description  LM3532 High-Efficiency White LED Driver With Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3532 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3532 Datasheet HTML 5Page - Texas Instruments LM3532 Datasheet HTML 6Page - Texas Instruments LM3532 Datasheet HTML 7Page - Texas Instruments LM3532 Datasheet HTML 8Page - Texas Instruments LM3532 Datasheet HTML 9Page - Texas Instruments LM3532 Datasheet HTML 10Page - Texas Instruments LM3532 Datasheet HTML 11Page - Texas Instruments LM3532 Datasheet HTML 12Page - Texas Instruments LM3532 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
High Voltage Current
Sinks
SW
LED1
LED2
SDA
SCL
I2C Interface
Overvoltage
Protection (40 V)
1-A Current Limit
Boost Converter
(0.25-
Ÿ NMOS)
LED3
500-kHz Switching
Frequency
Programmable Input
128 Internal gain
setting resistors
ALS1
ALS2
ALS Processing
1. 8-bit ADC
2. Averaging
3. ALS Algorithms
Output Configuration
1. I2C Control
2. I2C x PWM Control
3. PWM Only Control
4. ALS Control
LED Current Ramping
8 µs/step
1 ms/step
2 ms/step
4 ms/step
8 ms/step
16 ms/step
33 ms/step
66 ms/step
Backlight LED Control
1. 5-bit Full Scale
Current Select
2. 8-bit brightness
adjustment
3. Linear/Exponential
Dimming
400-mV
Headroom
Voltage
PWM2
Internal Low Pass
Filter
PWM1
Internal Low Pass
Filter
OVP
Reference, Logic,
Oscillator
HWEN
GND
INT
Thermal Shutdown
(140°C)
Power
On Reset
(1.8 V)
IN
LM3532
www.ti.com
SNVS653E – JULY 2011 – REVISED AUGUST 2015
7 Detailed Description
7.1 Overview
The LM3532 backlight driver consists of three 30-mA current sinks, a dual input ambient light sensor interface,
and a dual input PWM control. The LED current can be controlled via either the I2C bus, the PWM input, the
ambient light sensor interface, or a combination of each. The programmable options via I2C allow for the three
current sinks to be controlled independently or be controlled by a single source.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 40-V Boost Converter
The LM3532 contains a 40-V maximum output voltage, asynchronous boost converter with an integrated 250-m
Ω
switch, and three low-side current sinks. Each low-side current sink is independently programmable from 0 to 30
mA.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com