Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3532 Datasheet(PDF) 27 Page - Texas Instruments

Part # LM3532
Description  LM3532 High-Efficiency White LED Driver With Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3532 Datasheet(HTML) 27 Page - Texas Instruments

Back Button LM3532 Datasheet HTML 23Page - Texas Instruments LM3532 Datasheet HTML 24Page - Texas Instruments LM3532 Datasheet HTML 25Page - Texas Instruments LM3532 Datasheet HTML 26Page - Texas Instruments LM3532 Datasheet HTML 27Page - Texas Instruments LM3532 Datasheet HTML 28Page - Texas Instruments LM3532 Datasheet HTML 29Page - Texas Instruments LM3532 Datasheet HTML 30Page - Texas Instruments LM3532 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
LM3532
www.ti.com
SNVS653E – JULY 2011 – REVISED AUGUST 2015
2. Programs the LED current mapping mode for Control Bank A (Linear or Exponential).
3. Programs which Control A Zone Target Register is the Brightness Register for Bank A in I2C Current Control.
Table 9. Control A Brightness Configuration Register Description (Address 0x16)
Bits [7:5]
Bits [4:2]
Bit 1
Bit 0
Not Used
Control A Brightness Pointer (I2C
LED Current Mapping Mode
Bank A Current Control
Current Control Only)
N/A
000 = Control A Zone Target 0
0 = Exponential Mapping (default)
0 = ALS Current Control
001 = Control A Zone Target 1
1 = Linear Mapping
1 = I2C Current Control (default)
010 = Control A Zone Target 2
011 = Control A Zone Target 3
1XX = Control A Zone Target 4 (default)
7.6.8 Control B Brightness Configuration
The Control B Brightness Configuration Register has 3 functions:
1. Selects how the LED current sink which is mapped to Control Bank B is controlled (either directly through the
I2C or via the ALS interface).
2. Programs the LED current mapping mode for Control Bank B (Linear or Exponential).
3. Programs which Control B Zone Target Register is the Brightness Register for Bank B in I2C Current Control.
Table 10. Control B Brightness Configuration Register Description (Address 0x18)
Bits [7:5]
Bits [4:2]
Bit 1
Bit 0
Not Used
Control A Brightness Pointer (I2C
LED Current Mapping Mode
Bank B Current Control
Current Control Only)
N/A
000 = Control B Zone Target 0
0 = Exponential Mapping (default)
0 = ALS Current Control
001 = Control B Zone Target 1
1 = Linear Mapping
1 = I2C Current Control (default)
010 = Control B Zone Target 2
011 = Control B Zone Target 3
1XX = Control B Zone Target 4 (default)
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LM3532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com