Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3532 Datasheet(PDF) 20 Page - Texas Instruments

Part # LM3532
Description  LM3532 High-Efficiency White LED Driver With Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3532 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM3532 Datasheet HTML 16Page - Texas Instruments LM3532 Datasheet HTML 17Page - Texas Instruments LM3532 Datasheet HTML 18Page - Texas Instruments LM3532 Datasheet HTML 19Page - Texas Instruments LM3532 Datasheet HTML 20Page - Texas Instruments LM3532 Datasheet HTML 21Page - Texas Instruments LM3532 Datasheet HTML 22Page - Texas Instruments LM3532 Datasheet HTML 23Page - Texas Instruments LM3532 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
LM3532
SNVS653E – JULY 2011 – REVISED AUGUST 2015
www.ti.com
For each algorithm, the ALS follows these basic rules:
ALS Rules
1. For the ALS Interface to force a change in the backlight current (to a higher zone target), the averager output
must have shown an increase for 3 consecutive average periods, or an increase and a remain at the new
zone for 3 consecutive average periods.
2. For the ALS Interface to force a change in the backlight current (to a lower zone target), the averager output
must have shown a decrease for 3 consecutive average periods, or a decrease and remain at the new zone
for 3 consecutive average periods.
3. If condition 1 or condition 2 is satisfied, and during the next average period, the averager output changes
again in the same direction as the last change, the LED current immediately changes at the beginning of the
next average period.
4. If condition 1 or condition 2 is satisfied and the next average period shows no change in the average zone,
or shows a change in the opposite direction, then the criteria in step 1 or step 2 must be satisfied again
before the ALS interface can force a change in the backlight current.
5. The Averager Output (see Figure 16) contains the zone that is determined from the most recent full average
period.
6. The ALS Interface only forces a change in the backlight current at the beginning of an average period.
7. When the ALS forces a change in the backlight current the change is to the brightness target pointed to by
the zone in the Averager Output.
7.4.10.12 Direct ALS Control
In direct ALS control the LM3532’s ALS Interface can force the backlight current to either a higher zone target or
a lower zone target using the rules described in the ALS Rules Section.
Figure 19 shows the ALS voltage, the current average zone which is the zone determined by averaging the ALS
voltage in the current average period, the Averager Output which is the zone determined from the previous full
average period, and the target backlight current that is controlled by the ALS Interface. The following steps detail
the Direct ALS algorithm:
1. When the ALS is enabled the ALS fast start-up (1.1ms average period) quickly brings the Averager Output to
the correct zone. This takes 3 fast average periods or approximately 3.3 ms.
2. The 1st average period the ALS voltage averages to Zone 4.
3. The 2nd average period the ALS voltage averages to Zone 3.
4. The 3rd average period the ALS voltage averages to Zone 3 and the Averager Output shows a change from
Zone 4 to Zone 3.
5. The 4th average period the ALS voltage averages to Zone 2 and the Averager Output remains at its changed
state of Zone 3.
6. The 5th average period the ALS voltage averages to Zone 1. The Averager Output shows a change from
Zone 3 to Zone 2. Because this is the 3rd average period that the Averager Output has shown a change in
the decreasing direction from the initial Zone 4, the backlight current is forced to change to the current
Averager Output (Zone 2's) target current.
7. The 6th average period the ALS voltage averages to Zone 2. The Averager Output changes from Zone 2 to
Zone 1. Because this is in the same direction as the previous change, the backlight current is forced to
change to the current Averager Output (Zone 1's) target current.
8. The 7th average period the ALS voltage averages to Zone 3. The Averager Output changes from Zone 1 to
Zone 2. Because this change is in the opposite direction from the previous change, the backlight current
remains at Zone 1's target.
9. The 8th average period the ALS voltage averages to Zone 3. The Averager Output changes from Zone 2 to
Zone 3.
10. The 9th average period the ALS voltage averages to Zone 3. The Averager Output remains at Zone 3.
Because this is the 3rd average period that the Averager Output has shown a change in the increasing
direction from the initial Zone 1, the backlight current is forced to change to the current Averager Output
(Zone 3's) target current.
11. The 10th average period the ALS voltage averages to Zone 4. The Averager Output remains at Zone 3.
12. The 11th average period the ALS voltage averages to Zone 4. The Averager Output changes to Zone 4.
20
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM3532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com