Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3532 Datasheet(PDF) 25 Page - Texas Instruments

Part # LM3532
Description  LM3532 High-Efficiency White LED Driver With Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3532 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM3532 Datasheet HTML 21Page - Texas Instruments LM3532 Datasheet HTML 22Page - Texas Instruments LM3532 Datasheet HTML 23Page - Texas Instruments LM3532 Datasheet HTML 24Page - Texas Instruments LM3532 Datasheet HTML 25Page - Texas Instruments LM3532 Datasheet HTML 26Page - Texas Instruments LM3532 Datasheet HTML 27Page - Texas Instruments LM3532 Datasheet HTML 28Page - Texas Instruments LM3532 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
LM3532
www.ti.com
SNVS653E – JULY 2011 – REVISED AUGUST 2015
7.6.1 Output Configuration
Table 3 configures how the three control banks are routed to the current sinks (ILED1, ILED2, ILED3)
Table 3. Output Configuration Register Description (Address 0x10)
Bits [5:4]
Bits [3:2]
Bits [1:0]
Bit [7:6]
ILED3 Control
ILED2 Control
ILED1 Control
Not Used
00 = ILED3 is controlled by Control A
00 = ILED2 is controlled by Control A
00 = ILED1 is controlled by Control A
PWM and Control A Brightness
PWM and Control A Brightness Registers
PWM and Control A Brightness
Registers
01 = ILED2 is controlled by Control B
Registers (default)
01 = ILED3 is controlled by Control B
PWM and Control B Brightness Registers
01 = ILED1 is controlled by Control B
PWM and Control B Brightness
(default)
PWM and Control B Brightness
Registers
1X = ILED2 is controlled by Control C
Registers
1X = ILED3 is controlled by Control C PWM and Control C Brightness Registers
1X = ILED1 is controlled by Control C
PWM and Control C Brightness
PWM and Control C Brightness
Registers (default)
Registers
7.6.2 Start-up/Shutdown Ramp Rate
This register controls the ramping of the LED current in current sinks ILED1, ILED2, and ILED3 during start-up
and shutdown. The startup ramp rates/step are from when the device is enabled via I2C to when the target
current is reached. The Shutdown ramp rates/step are from when the device is shut down via I2C until the LED
current is 0. To start up and shut down the current sinks via I2C (see Equation 6).
Table 4. Start-up/Shutdown Ramp Rate Register Description (Address 0x11)
Bits [7:6]
Bits [5:3]
Bits [2:0]
Shutdown Ramp
Startup Ramp
Not Used
000 = 8µs/step (2.048ms from Full-Scale to 0) (default)
000 = 8µs/step (2.048ms from Full-Scale to 0) (default)
001 = 1.024 ms/step (261 ms)
001 = 1.024 ms/step (261ms)
010 = 2.048 ms/step (522 ms)
010 = 2.048 ms/step (522ms)
011 = 4.096 ms/step (1.044s)
011 = 4.096 ms/step (1.044s)
100 = 8.192 ms/step (2.088s)
100 = 8.192 ms/step (2.088s)
101 = 16.384 ms/step (4.178s)
101 = 16.384 ms/step (4.178s)
110 = 32.768 ms/step (8.356s)
110 = 32.768 ms/step (8.356s)
111 = 65.536 ms/step (16.711s)
111 = 65.536 ms/step (16.711s)
7.6.3 Run-Time Ramp Rate
This register controls the ramping of the current in current sinks ILED1, ILED2, and ILED3. The Run Time ramp
rates/step are from one current set-point to another after the device has reached its initial target set point from
turn-on.
Table 5. Run Time Ramp Rate Register Description (Address 0x12)
Bits [7:6]
Bits [5:3]
Bits [2:0]
Ramp Down
Ramp Up
Not Used
000 = 8µs/step (default)
000 = 8µs/step (default)
001 = 1.024 ms/step
001 = 1.024 ms/step
010 = 2.048 ms/step
010 = 2.048 ms/step
011 = 4.096 ms/step
011 = 4.096 ms/step
100 = 8.192 ms/step
100 = 8.192 ms/step
101 = 16.384 ms/step
101 = 16.384 ms/step
110 = 32.768 ms/step
110 = 32.768 ms/step
111 = 65.536 ms/step
111 = 65.536 ms/step
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LM3532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com