Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3532 Datasheet(PDF) 29 Page - Texas Instruments

Part # LM3532
Description  LM3532 High-Efficiency White LED Driver With Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3532 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM3532 Datasheet HTML 25Page - Texas Instruments LM3532 Datasheet HTML 26Page - Texas Instruments LM3532 Datasheet HTML 27Page - Texas Instruments LM3532 Datasheet HTML 28Page - Texas Instruments LM3532 Datasheet HTML 29Page - Texas Instruments LM3532 Datasheet HTML 30Page - Texas Instruments LM3532 Datasheet HTML 31Page - Texas Instruments LM3532 Datasheet HTML 32Page - Texas Instruments LM3532 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
LM3532
www.ti.com
SNVS653E – JULY 2011 – REVISED AUGUST 2015
Table 12. Control A/B/C Full-Scale Current Registers Descriptions (Address 0x17, 0x19, 0x1b)
Bits [7:5]
Bits [4:0]
Not Used
Control A/B/C Full-Scale Current Select Bits
00000 = 5 mA
00001 = 5.8 mA
00010 = 6.6 mA
00011 = 7.4 mA
00100 = 8.2 mA
00101 = 9 mA
00110 = 9.8 mA
00111 = 10.6 mA
01000 = 11.4 mA
01001 = 12.2 mA
01010 = 13 mA
01011 = 13.8 mA
01100 = 14.6 mA
01101 = 15.4 mA
01110 = 16.2 mA
01111 = 17 mA
N/A
10000 = 17.8 mA
10001 = 18.6mA
10010 = 19.4 mA
10011 = 20.2 mA (default)
10100 = 21 mA
10101 = 21.8 mA
10110 = 22.6 mA
10111 = 23.4 mA
11000 = 24.2 mA
11001 = 25 mA
11010 = 25.8 mA
11011 = 26.6 mA
11100 = 27.4 mA
11101 = 28.2 mA
11110 = 29 mA
11111 = 29.8 mA
7.6.11 Feedback Enable
The Feedback Enable Register configures which current sinks are or are not part of the boost control loop.
Table 13. Feedback Enable Register Description (Address 0x1c)
Bits [7:3]
Bit 2
Bit 1
Bit 0
Not Used
ILED3 Feedback Enable
ILED2 Feedback Enable
ILED1 Feedback Enable
N/A
0 = ILED3 is not part of the
0 = ILED2 is not part of the
0 = ILED1 is not part of the
boost control loop
boost control loop
boost control loop
1 = ILED3 is part of the boost
1 = ILED2 is part of the
1 = ILED1 is part of the
control loop (default)
boost control loop (default)
boost control loop (default)
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LM3532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com