Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3532 Datasheet(PDF) 41 Page - Texas Instruments

Part # LM3532
Description  LM3532 High-Efficiency White LED Driver With Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3532 Datasheet(HTML) 41 Page - Texas Instruments

Back Button LM3532 Datasheet HTML 37Page - Texas Instruments LM3532 Datasheet HTML 38Page - Texas Instruments LM3532 Datasheet HTML 39Page - Texas Instruments LM3532 Datasheet HTML 40Page - Texas Instruments LM3532 Datasheet HTML 41Page - Texas Instruments LM3532 Datasheet HTML 42Page - Texas Instruments LM3532 Datasheet HTML 43Page - Texas Instruments LM3532 Datasheet HTML 44Page - Texas Instruments LM3532 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
0
9
18 27 36 45 54 63 72 81 90
91
90
89
88
87
86
85
84
83
82
81
80
79
ILED (mA)
3 LEDs
5 LEDs
7 LEDs
9 LEDs
0
9
18 27 36 45 54 63 72 81 90
91
90
89
88
87
86
85
84
83
82
81
80
79
ILED (mA)
4 LEDs
6 LEDs
8 LEDs
10 LEDs
91
90
89
88
87
86
85
84
83
82
81
80
79
0 6 12 18 24 30 36 42 48 54 60 66 72 78 84 90
ILED (mA)
5 LEDs
3 LEDs
7 LEDs
9 LEDs
0 6 12 18 24 30 36 42 48 54 60 66 72 78 84 90
91
90
89
88
87
86
85
84
83
82
81
80
79
ILED (mA)
6 LEDs
4 LEDs
8 LEDs
10 LEDs
LM3532
www.ti.com
SNVS653E – JULY 2011 – REVISED AUGUST 2015
VIN = 3.6 V, LEDs (VF = 3.2 V at 20 mA, TA = 25°C), COUT = 1 µF, CIN = 2.2 µF, L = Coilcraft LPS4018-103ML (10 µH ) or
LPS4018-223M (22 µH), TA = 25°C unless otherwise specified.
VIN = 3.6 V
L = 10 µH
VIN = 3.6 V
L = 10 µH
Figure 40. Efficiency vs ILED Triple String
Figure 41. Efficiency vs ILED Triple String
VIN = 3.6 V
L = 22 µH
VIN = 3.6 V
L = 22 µH
Figure 42. Efficiency vs ILED Triple String
Figure 43. Efficiency vs ILED Triple String
9 Power Supply Recommendations
The LM3532 is designed to operate from an input supply range of 2.7 V to 5.5 V. This input supply should be
well regulated and provide the peak current required by the LED configuration and inductor selected.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: LM3532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com