Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG51002 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # SLG51002
Description  PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG51002 Datasheet(HTML) 4 Page - Renesas Technology Corp

  SLG51002 Datasheet HTML 1Page - Renesas Technology Corp SLG51002 Datasheet HTML 2Page - Renesas Technology Corp SLG51002 Datasheet HTML 3Page - Renesas Technology Corp SLG51002 Datasheet HTML 4Page - Renesas Technology Corp SLG51002 Datasheet HTML 5Page - Renesas Technology Corp SLG51002 Datasheet HTML 6Page - Renesas Technology Corp SLG51002 Datasheet HTML 7Page - Renesas Technology Corp SLG51002 Datasheet HTML 8Page - Renesas Technology Corp SLG51002 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
SLG51002
PMIC with High PSRR, Low Noise, Multi-Output LDOs
and Integrated Load Switches
Datasheet
Revision 3.11
25-Jul-2023
CFR0011-120-00
4 of 36
© 2023 Renesas Electronics Corporation
1
Block Diagram
SLG51002
Sup plies
LDO 1
VOUT 1.2 V to 3.75 V
IOUT_MAX 500 mA
LDO6
VOUT 0.5 V to 1.4 V
IOUT_MAX 1 A
or
Loa d Switch 6
RON 40 mΩ
Reference
I2C pin s and
Sup ply Controller
CS
OTP
0. 45 µF
VO UT1
VDD
Digital Con tro l
LDO_CORE
4 µF
VO UT6
VI N6
VIN 0.8 V to 1.5 V
GPIO5(SDA)
GPI6(SCL)
LDO7
VOUT 0.5 V to 1.4 V
IOUT_MAX 1 A
or
Loa d Switch 7
RON 40 mΩ
4 µF
VO UT7
LDO8
VOUT 0.5 V to 1.4 V
IOUT_MAX 1.3 A
or
Loa d Switch 8
RON 40 mΩ
4 µF
VO UT8
VI N7
VIN 0.8 V to 1.5 V
VI N8
VIN 0.8 V to 1.5 V
VI N1_2
VIN 1.7 V to 5.0 V
0. 45 µF
VOUT2
0. 45 µF
VO UT3
VI N3
VIN 1.7 V to 5.0 V
LDO4
VOUT 1.2 V to 3.75 V
IOUT_MAX 500 mA
or
Loa d Switch 4
IOUT_MAX 800 mA
RON 150 mΩ
0. 45 µF
VO UT4
VI N4
VIN 1.7 V to 5.0 V
LDO5
VOUT 1.2 V to 3.75 V
IOUT_MAX 500 mA
or
Loa d Switch 5
IOUT_MAX 800 mA
RON 150 mΩ
0. 45 µF
VO UT5
VI N5
VIN 1.7 V to 5.0 V
VDDIO
GPIO1 to 4
4
IOs
LDO2
VOUT 1.2 V to 3.75 V
IOUT_MAX 500 mA
LDO3
VOUT 1.2 V to 3.75 V
IOUT_MAX 500 mA
Gre enPAK
Resources
Figure 1: Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com