Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG51002 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # SLG51002
Description  PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG51002 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button SLG51002 Datasheet HTML 14Page - Renesas Technology Corp SLG51002 Datasheet HTML 15Page - Renesas Technology Corp SLG51002 Datasheet HTML 16Page - Renesas Technology Corp SLG51002 Datasheet HTML 17Page - Renesas Technology Corp SLG51002 Datasheet HTML 18Page - Renesas Technology Corp SLG51002 Datasheet HTML 19Page - Renesas Technology Corp SLG51002 Datasheet HTML 20Page - Renesas Technology Corp SLG51002 Datasheet HTML 21Page - Renesas Technology Corp SLG51002 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
SLG51002
PMIC with High PSRR, Low Noise, Multi-Output LDOs
and Integrated Load Switches
Datasheet
Revision 3.11
25-Jul-2023
CFR0011-120-00
18 of 36
© 2023 Renesas Electronics Corporation
Parameter
Description
Conditions
Min
Typ
Max
Unit
VDROPOUT
Dropout voltage LDO1, 2
@ VOUT = VOUT (VIN
(Max)) - 10 mV
IOUT = 230 mA
VIN > 1.8 V
200
Note 7
mV
@ VOUT = VOUT (VIN
(Max)) - 10 mV
IOUT = 300mA
VIN > 1.9 V
240
Note 7
@ VOUT = VOUT (VIN
(Max)) - 10 mV
IOUT = 300mA
VIN > 3 V
120
Note 7
Dropout voltage LDO3
@ VOUT = VOUT (VIN
(Max)) - 10 mV
IOUT = 250mA
VIN > 1.8 V
180
Note 7
@ VOUT = VOUT (VIN
(Max)) - 10 mV
IOUT = 300mA
VIN > 1.9 V
190
Note 7
@ VOUT = VOUT (VIN
(Max)) - 10 mV
IOUT = 300mA
VIN > 3 V
90
Note 7
RPD_OFF_ACC
Output pull down resistance
accuracy
VOUT = 0.5 V
LDO disabled
30
%
Dynamic Parameters
VOUT_TR_LINE
Line transient response
VIN = VOUT +
VDROPOUT (Max) + 0.6 V
to VIN = VOUT +
VDROPOUT (Max)
VOUT = VOUT (Typ)
IOUT = IOUT_MAX
tR = tF = 100
mV/μs
2
5
Note 8
mV
VOUT_TR_LD_1
mA
Load transient response
VIN = VOUT +
VDROPOUT (Max)
VOUT = VOUT (Typ)
IOUT = 1 mA to
IOUT_MAX/2
tR = tF = 1
μs
28
37
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com