Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG51002 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # SLG51002
Description  PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG51002 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button SLG51002 Datasheet HTML 3Page - Renesas Technology Corp SLG51002 Datasheet HTML 4Page - Renesas Technology Corp SLG51002 Datasheet HTML 5Page - Renesas Technology Corp SLG51002 Datasheet HTML 6Page - Renesas Technology Corp SLG51002 Datasheet HTML 7Page - Renesas Technology Corp SLG51002 Datasheet HTML 8Page - Renesas Technology Corp SLG51002 Datasheet HTML 9Page - Renesas Technology Corp SLG51002 Datasheet HTML 10Page - Renesas Technology Corp SLG51002 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
SLG51002
PMIC with High PSRR, Low Noise, Multi-Output LDOs
and Integrated Load Switches
Datasheet
Revision 3.11
25-Jul-2023
CFR0011-120-00
7 of 36
© 2023 Renesas Electronics Corporation
Pin No.
Pin
Name
Signal
Name
Function
Input Options
Output Options
VIN6
VIN6
Controller and power
FET supply voltage for
LDO6.
--
--
VIN7
VIN7
Controller and power
FET supply voltage for
LDO7.
--
--
VIN8
VIN8
Controller and power
FET supply voltage for
LDO8.
--
--
VOUT1
VOUT1
LDO1 power output.
--
--
VOUT2
VOUT2
LDO2 power output.
--
--
VOUT3
VOUT3
LDO3 power output.
--
--
VOUT4
VOUT4
LDO4 power output.
--
--
VOUT5
VOUT5
LDO5 power output.
--
--
VOUT6
VOUT6
LDO6 power output.
--
--
VOUT7
VOUT7
LDO7 power output.
--
--
VOUT8
VOUT8
LDO8 power output.
--
--
Table 2: Pin Type Definition
Pin Type
Description
Pin Type
Description
GPI
General purpose input
GPIO
General purpose input/output
GPO
General purpose output
CS
Chip select
DIWST
Digital Input with Schmitt trigger
DIWOSH
Digital Input without Schmitt trigger
LVDI
Low voltage digital input
ULVDI
Ultra-Low voltage digital input
SDA
Serial data
PU
Pull-up resistor
SCL
Serial clock
PD
Pull-down resistor
PWR
Power
GND
Ground
2.1
Input Pins
2.1.1
CS
– Chip Select
This active-high pin is used to wake SLG51002 from a low-power reset state.
To guarantee correct operation, CS must be de-asserted whenever the voltage at the VDD pin is out of
the operating conditions boundary (that is VDD < 2.8 V, or VDD > 5.0 V).
When de-asserting the CS pin, it can have a programmable shutdown debounce time (from 0 µs to
256 µs, register CS_T_DEB).
When CS is de-asserted, all digital is forced to shut down, and any volatile memory is reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com