Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG51002 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # SLG51002
Description  PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG51002 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button SLG51002 Datasheet HTML 4Page - Renesas Technology Corp SLG51002 Datasheet HTML 5Page - Renesas Technology Corp SLG51002 Datasheet HTML 6Page - Renesas Technology Corp SLG51002 Datasheet HTML 7Page - Renesas Technology Corp SLG51002 Datasheet HTML 8Page - Renesas Technology Corp SLG51002 Datasheet HTML 9Page - Renesas Technology Corp SLG51002 Datasheet HTML 10Page - Renesas Technology Corp SLG51002 Datasheet HTML 11Page - Renesas Technology Corp SLG51002 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
SLG51002
PMIC with High PSRR, Low Noise, Multi-Output LDOs
and Integrated Load Switches
Datasheet
Revision 3.11
25-Jul-2023
CFR0011-120-00
8 of 36
© 2023 Renesas Electronics Corporation
While CS pin is high, memory status can be checked with the MEM_STATUS bit. The MEM_STATUS bit
is reset upon any UVLO, CS de-assert, POR event, Over-temperature detection, Power Sequencer Crash
Request or Software Reset Request event, and is intended for user to write high when loading
configurations via I2C, thus allowing user to check for any event that may affect integrity of the I2C written
data.
2.1.2
SCL
– I2C Clock
The SCL signal is the I2C clock.
2.2
Bidirectional Pins
2.2.1
GPIO1 to GPIO5 and GPI6
– General Purpose Input/Output
The general-purpose input/output pins are configurable by dedicated registers (IO_GPIO<x>_CONF).
GPIO1 to GPIO5 can be configured as an input or an open-drain NMOS output. GPIO1 to GPIO4 also
can be configured as a push pull output or open-drain PMOS output. GPI6 is always an input pin.
In the LOW IQ RESET state, GPIO1 to GPIO4 are configured as input with 1MOhm pull down resistor.
GPIO5 and GPI6 are configured as inputs with no pull-up/pull-down resistor.
GPIO5 and GPI6 are low voltage pins. The user-configurable input levels for low voltage pins are 1.2 V
and 1.8 V.
GPIO1 to GPIO4 are high voltage pins and are supplied by VDDIO for input and output modes. There are
four input modes for GPIO1 to GPIO4 to get better input performance and cover voltage range from 1.2 V
to 5 V:
● Digital input without Schmitt trigger (recommended operation input voltage range - 1.5 V to VDDIO)
● Digital input with Schmitt trigger (recommended operation input voltage range - 1.5 V to VDDIO)
● Low voltage digital input (recommended operation input voltage range - 1.5 V to VDDIO)
● Ultra-Low voltage digital input (recommended operation input voltage range - 1.2 V to 1.8V)
Digital input without Schmitt trigger, Digital input with Schmitt trigger and Low voltage digital input modes
are intended for 1.5 V to VDDIO input voltage range. Ultra-Low voltage digital input mode is intended for
1.2 V to 1.8 V input voltage range, but this mode also can be used up to VDDIO voltage. The Ultra-Low
voltage digital input mode has a fixed VIH and VIL thresholds, unlike other modes, which thresholds
depends on VDDIO voltage.
2.2.2
SDA
– I2C Data
The SDA signal is the I2C data signal. It is an open-drain signal so that either side can pull it down to a
logic low level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com