Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG51002 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # SLG51002
Description  PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG51002 Datasheet(HTML) 1 Page - Renesas Technology Corp

  SLG51002 Datasheet HTML 1Page - Renesas Technology Corp SLG51002 Datasheet HTML 2Page - Renesas Technology Corp SLG51002 Datasheet HTML 3Page - Renesas Technology Corp SLG51002 Datasheet HTML 4Page - Renesas Technology Corp SLG51002 Datasheet HTML 5Page - Renesas Technology Corp SLG51002 Datasheet HTML 6Page - Renesas Technology Corp SLG51002 Datasheet HTML 7Page - Renesas Technology Corp SLG51002 Datasheet HTML 8Page - Renesas Technology Corp SLG51002 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
SLG51002
PMIC with High PSRR, Low Noise, Multi-Output LDOs
and Integrated Load Switches
Datasheet
Revision 3.11
25-Jul-2023
CFR0011-120-00
1 of 36
© 2023 Renesas Electronics Corporation
General Description
SLG51002 contains eight compact and customizable low dropout regulators and is designed for high
performance camera modules and other small multi-rail applications.
Key Features
■ Input voltage range:
□ 1.7 V to 5.0 V (3 x HV LDO)
□ 1.7 V to 5.0 V (2 x HC LDO)
□ 0.8 V to 1.5 V (3 x LV LDO)
■ Separate input supply and enable for flexible
power configurations
■ Output voltage range:
□ 1.2 V to 3.75 V (3 x HV LDO)
□ 1.2 V to 3.75 V (2 x HC LDO)
□ 0.5 V to 1.4 V (3 x LV LDO)
■ Output current levels:
□ Up to 500 mA (3 x HV LDO)
□ Up to 500 mA (2 x HC LDO)
□ Up to 1000 mA (2 x LV LDO)
□ Up to 1300mA (1 x LV LDO)
■ LDO_HC and LDO_LV channels have Bypass
Mode
■ PSRR of 83 dB at 1 kHz and
47 dB at 1 MHz (3 x HV LDO)
■ Low output voltage noise of 152 µV (3 x HV
LDO)
■ Low dropout voltage of 10 mV per 100 mA of
load (3 x LV LDO)
■ Ultra-low RON load switches with low leakage
and slew rate control for low VIN supplies (3 x LV
LDO)
■ Tight output voltage accuracy of ±1 %
over-temperature
■ Low shutdown current of 300 nA
■ Low quiescent current of 14 µA
■ Seven Combination Function Macrocells
■ Three Delay Macrocells
■ One Multi-Function Macrocell
■ User configurable settings via I2C interface and
OTP
□ Including output voltage, power sequencing,
soft-start timing, and current limit threshold
■ Soft start and soft shutdown
■ Under-voltage lockout (UVLO)
■ Thermal shutdown
■ Configurable temperature alerts
■ Wide -40 °C to +85 °C operating temperature
■ 25-pin WLCSP: 1.992 mm x 1.992 mm x
0.440 mm, 0.35 mm pitch
Applications
■ High End Camera Module Applications
■ Smartphones
■ Digital Cameras
■ Smart Devices with Imaging


Similar Part No. - SLG51002

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG51002 RENESAS-SLG51002 Datasheet
748Kb / 36P
PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
12-Sep-2022
SLG51002C RENESAS-SLG51002C Datasheet
748Kb / 36P
PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
12-Sep-2022
More results

Similar Description - SLG51002

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2826 MICREL-MIC2826 Datasheet
819Kb / 27P
Quad Output PMIC with HyperLight Load??DCDC, three LDOs, and I2C Control
MIC2827 MICREL-MIC2827 Datasheet
790Kb / 27P
Triple Output PMIC with HyperLight Load??DCDC, two LDOs, and I2C Control
logo
Intersil Corporation
ISL9003AIEJZ-T INTERSIL-ISL9003AIEJZ-T Datasheet
331Kb / 12P
Low Noise LDO with Low IQ and High PSRR
July 18, 2014
ISL9003AIENZ-T INTERSIL-ISL9003AIENZ-T Datasheet
331Kb / 12P
Low Noise LDO with Low IQ and High PSRR
July 18, 2014
logo
NXP Semiconductors
VR5510 NXP-VR5510 Datasheet
2Mb / 203P
Multi-Output PMIC with SMPS and LDO
VR5510 NXP-VR5510_V01 Datasheet
2Mb / 194P
Multi-Output PMIC with SMPS and LDO
Rev. 5-6 April 2022
logo
Renesas Technology Corp
SLG51001 RENESAS-SLG51001 Datasheet
767Kb / 25P
PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switch
10-May-2022
SLG51002 RENESAS-SLG51002 Datasheet
748Kb / 36P
PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
12-Sep-2022
SLG51000 RENESAS-SLG51000 Datasheet
1Mb / 25P
PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
10-May-2022
logo
NXP Semiconductors
VR5510 NXP-VR5510_V02 Datasheet
2Mb / 203P
Multi-output PMIC with SMPS and LDO
Rev. 6 - 31 July 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com