Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG51002 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # SLG51002
Description  PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG51002 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button SLG51002 Datasheet HTML 2Page - Renesas Technology Corp SLG51002 Datasheet HTML 3Page - Renesas Technology Corp SLG51002 Datasheet HTML 4Page - Renesas Technology Corp SLG51002 Datasheet HTML 5Page - Renesas Technology Corp SLG51002 Datasheet HTML 6Page - Renesas Technology Corp SLG51002 Datasheet HTML 7Page - Renesas Technology Corp SLG51002 Datasheet HTML 8Page - Renesas Technology Corp SLG51002 Datasheet HTML 9Page - Renesas Technology Corp SLG51002 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
SLG51002
PMIC with High PSRR, Low Noise, Multi-Output LDOs
and Integrated Load Switches
Datasheet
Revision 3.11
25-Jul-2023
CFR0011-120-00
6 of 36
© 2023 Renesas Electronics Corporation
Pin No.
Pin
Name
Signal
Name
Function
Input Options
Output Options
GPIO2
GPIO2
High voltage General
Purpose IO
Digital Input
with/without Schmitt
trigger, Low voltage
digital input, Ultra-
Low voltage digital
input
Push-Pull, Open-Drain
NMOS, Open-Drain
PMOS
I2C_SA2
I2C Slave address 2
--
--
GPIO3
GPIO3
High voltage General
Purpose IO
Digital Input
with/without Schmitt
trigger, Low voltage
digital input, Ultra-
Low voltage digital
input
Push-Pull, Open-Drain
NMOS, Open-Drain
PMOS
I2C_SA3
I2C Slave address 3
--
--
GPIO4
GPIO4
High voltage General
Purpose IO
Digital Input
with/without Schmitt
trigger, Low voltage
digital input, Ultra-
Low voltage digital
input
Push-Pull, Open-Drain
NMOS, Open-Drain
PMOS
I2C_SA4
I2C Slave address 4
--
--
GPIO5
GPIO5
1.2 V/1.8 V input cell,
Low voltage General
Purpose IO
Digital Input
Open-Drain NMOS
SDA
1.2 V/1.8 V input cell,
I2C Serial Data Line
(SDA)
Digital Input
Open-Drain NMOS
GPI6
GPI6
1.2 V/1.8 V input cell,
Low voltage General
purpose input
Digital Input
--
SCL
1.2 V/1.8 V input cell,
I2C Serial Clock Line
(SCL)
Digital Input
--
VIN1_2
VIN1_2
Controller and power
FET supply voltage for
LDO1 and LDO2.
--
--
VIN3
VIN3
Controller and power
FET supply voltage for
LDO3.
--
--
VIN4
VIN4
Controller and power
FET supply voltage for
LDO4.
--
--
VIN5
VIN5
Controller and power
FET supply voltage for
LDO5.
--
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com