Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2902B Datasheet(PDF) 5 Page - STMicroelectronics

Part # LM2902B
Description  Automotive-grade, low power, quad, 36 V operational amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2902B Datasheet(HTML) 5 Page - STMicroelectronics

  LM2902B Datasheet HTML 1Page - STMicroelectronics LM2902B Datasheet HTML 2Page - STMicroelectronics LM2902B Datasheet HTML 3Page - STMicroelectronics LM2902B Datasheet HTML 4Page - STMicroelectronics LM2902B Datasheet HTML 5Page - STMicroelectronics LM2902B Datasheet HTML 6Page - STMicroelectronics LM2902B Datasheet HTML 7Page - STMicroelectronics LM2902B Datasheet HTML 8Page - STMicroelectronics LM2902B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
3
Electrical characteristics
Table 3. Electrical characteristics, Vcc+ = 5 V and 36 V, Vcc- = 0 V, Vo = 1.4 V, RL connected to ground, T = 25 °C (unless
otherwise specified)
Symbol
Parameter
Conditions
Min. Typ. Max.
Unit
Vio
Input offset voltage(1)
T = 25 °C
4
mV
Tmin < T < Tmax
5
ΔVio/ ΔT Input offset voltage drift
Tmin < T < Tmax
7
30
µV/°C
Iio
Input offset current
T = 25 °C
30
nA
Tmin < T < Tmax
40
ΔIio/ ΔT Input offset current drift
Tmin < T < Tmax
10
200 pA/°C
Iib
Input bias current(2)
T = 25 °C
150
nA
Tmin < T < Tmax
300
Avd
Large signal voltage gain
Vcc = 15 V, RL = 2 kΩ, Vo = 1.4 to 11.4 V, T = 25 °C
50
100
V/mV
Vcc = 15 V, RL = 2 kΩ, Vo = 1.4 to 11.4 V, Tmin < T < Tmax
25
Vcc = 36 V, RL = 2 kΩ, Vo = 1.4 to 11.4 V, T = 25 °C
50
100
Vcc = 36 V, RL = 2 kΩ, Vo = 1.4 to 11.4 V, Tmin < T < Tmax
25
SVR
Supply voltage rejection ratio
Vcc = 5 to 36 V, Vicm = 0 V, T = 25 °C
65
100
dB
Vcc = 5 to 36 V, Vicm = 0 V, Tmin < T < Tmax
65
Icc
Supply current
All amps, no load, Vcc = 5 V, T = 25 °C
0.7
1.2
mA
All amps, no load, Vcc = 5 V, Tmin < T < Tmax
1.2
All amps, no load, Vcc = 36 V, T = 25 °C
1.4
2.4
All amps, no load, Vcc = 36 V, Tmin < T < Tmax
2.4
CMR
Common-mode rejection
ratio
Vcc = 36 V, Vicm = 0 to 34.5 V, T = 25 °C
70
85
dB
Vcc = 36 V, Vicm = 0 to 34 V, Tmin < T < Tmax
60
Isource
Output source current
Vcc = 36 V, Vo = 2 V, Vid = 1 V
25
32
40
mA
Isink
Output sink current
Vcc = 36 V, Vo = 2 V
15
18
mA
Vcc = 36 V, Vo = 0.2 V
70
94
µA
Voh
High-level output voltage
Vcc = 36 V, RL = 2 kΩ, T = 25 °C
32
33
V
Vcc = 36 V, RL = 2 kΩ, Tmin < T < Tmax
32
Vcc = 36 V, RL = 10 kΩ, T = 25 °C
33
34
Vcc = 36 V, RL = 10 kΩ, Tmin < T < Tmax
33
Vol
Low-level output voltage
Vcc = 5 V, RL = 10 kΩ, T = 25 °C
5
20
mV
Vcc = 5 V, RL = 10 kΩ, Tmin < T < Tmax
20
Vcc = 36 V, RL = 10 kΩ, T = 25 °C
5
20
Vcc = 36 V, RL = 10 kΩ, Tmin < T < Tmax
20
SR
Slew rate
Vcc = 15 V, Vin = 0.5 to 3 V, RL = 2 kΩ, CL = 100 pF, unity gain, T = 25 °C 0.3
0.6
V/µs
Vcc = 15 V, Vin = 0.5 to 3 V, RL = 2 kΩ, CL = 100 pF, unity gain,
Tmin < T < Tmax
0.2
Vcc = 36 V, Vin = 0.5 to 3 V, RL = 2 kΩ, CL = 100 pF, unity gain, T = 25 °C 0.5 0.75
LM2902B
Electrical characteristics
DS13860 - Rev 2
page 5/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com