Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2902B Datasheet(PDF) 6 Page - STMicroelectronics

Part # LM2902B
Description  Automotive-grade, low power, quad, 36 V operational amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2902B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LM2902B Datasheet HTML 2Page - STMicroelectronics LM2902B Datasheet HTML 3Page - STMicroelectronics LM2902B Datasheet HTML 4Page - STMicroelectronics LM2902B Datasheet HTML 5Page - STMicroelectronics LM2902B Datasheet HTML 6Page - STMicroelectronics LM2902B Datasheet HTML 7Page - STMicroelectronics LM2902B Datasheet HTML 8Page - STMicroelectronics LM2902B Datasheet HTML 9Page - STMicroelectronics LM2902B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Symbol
Parameter
Conditions
Min. Typ. Max.
Unit
SR
Slew rate
Vcc = 36 V, Vin = 0.5 to 3 V, RL = 2 kΩ, CL = 100 pF, unity gain,
Tmin < T < Tmax
V/µs
0.4
GBP
Gain bandwidth product
Vcc = 36 V, f = 100 kHz, Vin = 10 mV, RL = 2 kΩ, CL = 100 pF
0.8
1.2
MHz
Vo1 / Vo2 Channel separation (3)
Vcc = 30 V, 1 kHz ≤ f ≤ 20 kHz
120
dB
1. VO = 1.4 V, 5 V ≤ VCC ≤ 36 V, 0 ≤ Vicm ≤ VCC - 1.5 V.
2. The direction of the input current is out of the IC. This current is essentially constant as long as the output is
not saturated, so there is no change in the loading charge on the input lines.
3. Due to the proximity of external components, ensure that the stray capacitance does not cause coupling
between these external parts. This can typically be detected at higher frequencies because this type of
capacitance increases.
Figure 3. Supply current vs. supply voltage
Figure 4. Input offset voltage distribution VCC=36 V
Input Offset Voltage
LM2902B
Electrical characteristics
DS13860 - Rev 2
page 6/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com