Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2902B Datasheet(PDF) 15 Page - STMicroelectronics

Part # LM2902B
Description  Automotive-grade, low power, quad, 36 V operational amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2902B Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LM2902B Datasheet HTML 9Page - STMicroelectronics LM2902B Datasheet HTML 10Page - STMicroelectronics LM2902B Datasheet HTML 11Page - STMicroelectronics LM2902B Datasheet HTML 12Page - STMicroelectronics LM2902B Datasheet HTML 13Page - STMicroelectronics LM2902B Datasheet HTML 14Page - STMicroelectronics LM2902B Datasheet HTML 15Page - STMicroelectronics LM2902B Datasheet HTML 16Page - STMicroelectronics LM2902B Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
List of tables
Table 1.
Absolute maximum ratings ............................................................. 3
Table 2.
Operating conditions ................................................................. 4
Table 3.
Electrical characteristics, Vcc+ = 5 V and 36 V, Vcc- = 0 V, Vo = 1.4 V, RL connected to ground, T = 25 °C (unless
otherwise specified) .................................................................. 5
Table 4.
SO14 mechanical data ............................................................... 10
Table 5.
TSSOP14 mechanical data ............................................................ 11
Table 6.
Ordering information................................................................. 12
Table 7.
Document revision history ............................................................. 13
LM2902B
List of tables
DS13860 - Rev 2
page 15/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com